Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5626 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5626
Description  2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5626 Datasheet(HTML) 1 Page - Texas Instruments

  TLV5626 Datasheet HTML 1Page - Texas Instruments TLV5626 Datasheet HTML 2Page - Texas Instruments TLV5626 Datasheet HTML 3Page - Texas Instruments TLV5626 Datasheet HTML 4Page - Texas Instruments TLV5626 Datasheet HTML 5Page - Texas Instruments TLV5626 Datasheet HTML 6Page - Texas Instruments TLV5626 Datasheet HTML 7Page - Texas Instruments TLV5626 Datasheet HTML 8Page - Texas Instruments TLV5626 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLV5626
2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SLAS236 –JUNE 1999
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
features
D Dual 8-Bit Voltage Output DAC
D Programmable Internal Reference
D Programmable Settling Time:
0.8
µs in Fast Mode ,
2.8
µs in Slow Mode
D Compatible With TMS320 and SPI™ Serial
Ports
D Differential Nonlinearity <0.1 LSB Typ
D Monotonic Over Temperature
applications
D Digital Servo Control Loops
D Digital Offset and Gain Adjustment
D Industrial Process Control
D Machine and Motion Control Devices
D Mass Storage Devices
description
The TLV5626 is a dual 8-bit voltage output DAC with a flexible 3-wire serial interface.The serial interface allows
glueless interface to TMS320 and SPI
™, QSPI™, and Microwire™ serial ports. It is programmed with a 16-bit
serial string containing 2 control and 8 data bits.
The resistor string output voltage is buffered by a x2 gain rail-to-rail output buffer. The buffer features a Class AB
output stage to improve stability and reduce settling time. The programmable settling time of the DAC allows
the designer to optimize speed versus power dissipation. With its on-chip programmable precision voltage
reference, the TLV5626 simplifies overall system design.
Because of its ability to source up to 1 mA, the reference can also be used as a system reference. Implemented
with a CMOS process, the device is designed for single supply operation from 2.7 V to 5.5 V. It is available in
an 8-pin SOIC package to reduce board space in standard commercial and industrial temperature ranges.
AVAILABLE OPTIONS
PACKAGE
TA
SOIC
(D)
0
°C to 70°C
TLV5626CD
–40
°C to 85°C
TLV5626ID
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
DIN
SCLK
CS
OUTA
VDD
OUTB
REF
AGND
D PACKAGE
(TOP VIEW)
SPI and QSPI are trademarks of Motorola, Inc.
Microwire is a trademark of National Semiconductor Corporation.


Similar Part No. - TLV5626

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5626 TI-TLV5626 Datasheet
430Kb / 19P
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626 TI2-TLV5626 Datasheet
361Kb / 21P
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
REVISED JUNE 2000
TLV5626CD TI2-TLV5626CD Datasheet
361Kb / 21P
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
REVISED JUNE 2000
TLV5626CD.A TI2-TLV5626CD.A Datasheet
361Kb / 21P
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
REVISED JUNE 2000
TLV5626CDG4 TI-TLV5626CDG4 Datasheet
430Kb / 19P
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results

Similar Description - TLV5626

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5624 TI-TLV5624 Datasheet
236Kb / 17P
2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5637 TI-TLV5637 Datasheet
240Kb / 17P
2.7 V TO 5.5 V LOW POWER DUAL 10-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638 Datasheet
289Kb / 19P
2.7 V TO 5.5 V LOW POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI1-TLV5638_12 Datasheet
679Kb / 23P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626CDR TI-TLV5626CDR Datasheet
430Kb / 19P
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626IDG4 TI-TLV5626IDG4 Datasheet
430Kb / 19P
2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624CDGK TI1-TLV5624CDGK Datasheet
941Kb / 22P
2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624 TI-TLV5624_15 Datasheet
955Kb / 23P
2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI-TLV5638_15 Datasheet
636Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5638 TI1-TLV5638_16 Datasheet
906Kb / 24P
2.7-V TO 5.5-V LOW-POWER DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com