Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5626CD Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5626CD
Description  2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5626CD Datasheet(HTML) 12 Page - Texas Instruments

Back Button TLV5626CD Datasheet HTML 8Page - Texas Instruments TLV5626CD Datasheet HTML 9Page - Texas Instruments TLV5626CD Datasheet HTML 10Page - Texas Instruments TLV5626CD Datasheet HTML 11Page - Texas Instruments TLV5626CD Datasheet HTML 12Page - Texas Instruments TLV5626CD Datasheet HTML 13Page - Texas Instruments TLV5626CD Datasheet HTML 14Page - Texas Instruments TLV5626CD Datasheet HTML 15Page - Texas Instruments TLV5626CD Datasheet HTML 16Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
TLV5626
2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG
CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
SLAS236 –JUNE 1999
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
data bits: CONTROL
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
X
X
X
X
X
X
X
X
X
X
REF1
REF0
X: don’t care
REF1 and REF0 determine the reference source and, if internal reference is selected, the reference voltage.
reference bits
REF1
REF0
REFERENCE
0
0
External
0
1
1.024 V
1
0
2.048 V
1
1
External
CAUTION:
If external reference voltage is applied to the REF pin, external reference MUST be selected.
examples of operation:
D Set DAC A output, select fast mode, select internal reference at 2.048 V:
1.
Set reference voltage to 2.048 V (CONTROL register):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
1
0
1
0
0
0
0
0
0
0
0
0
0
1
0
2.
Write new DAC A value and update DAC A output:
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
1
0
0
New DAC A output value
0
0
0
0
The DAC A output is updated on the rising clock edge after D0 is sampled.
To output data consecutively using the same DAC configuration, it is not necessary to program the CONTROL
register again.
D Set DAC B output, select fast mode, select external reference:
3.
Select external reference (CONTROL register):
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
1
1
0
1
0
0
0
0
0
0
0
0
0
0
0
0
4.
Write new DAC B value to BUFFER and update DAC B output:
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
1
0
0
New BUFFER content and DAC B output value
0
0
0
0
X = Don’t care
The DAC A output is updated on the rising clock edge after D0 is sampled.
To output data consecutively using the same DAC configuration, it is not necessary to program the CONTROL
register again.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com