Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV5633CDW Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5633CDW
Description  2.7 V TO 5.5 V LOW POWER 12-BIT DIGITAL-TO-ANALOG CONVERTERS WITH INTERNAL REFERENCE AND POWER DOWN
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5633CDW Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLV5633CDW Datasheet HTML 12Page - Texas Instruments TLV5633CDW Datasheet HTML 13Page - Texas Instruments TLV5633CDW Datasheet HTML 14Page - Texas Instruments TLV5633CDW Datasheet HTML 15Page - Texas Instruments TLV5633CDW Datasheet HTML 16Page - Texas Instruments TLV5633CDW Datasheet HTML 17Page - Texas Instruments TLV5633CDW Datasheet HTML 18Page - Texas Instruments TLV5633CDW Datasheet HTML 19Page - Texas Instruments TLV5633CDW Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
www.ti.com
TLV5633C
TLV5633I
SLAS190C – MARCH 1999 – REVISED SEPTEMBER 2006
CLR
T1
; set LDACB = 0 (update DAC)
SETB T1
; set LDACB = 1
POP
ACC
POP
PSW
RETI
;--------------------------------------------------------------------------------------
; Set up stack
;--------------------------------------------------------------------------------------
RSEG STACK
DS 10h
; 16 Byte Stack!
;--------------------------------------------------------------------------------------
; Main Program
;--------------------------------------------------------------------------------------
RSEG
MAIN
start:
MOV
SP,#STACK-1
; first set Stack Pointer
CLR
A
MOV
rolling_ptr,A ; set rolling pointer to 0
MOV
TMOD,#002H
; set timer 0 to mode 2 - auto-reload
MOV
TH0,#0CEH
; set timer 2 re-load value for 20 kHz interrupts
MOV
P2, #080H
; set A15 of address bus high to 'memory map'
; device up beyond used address space
SETB T1
; set LDACB = 1 (on P3.5)
; TLV5633 setup
MOV
R0, #003H
; R0 selects control register
MOV
A, #011H
; LOAD ACC with control register value:
; REF1=1, REF0=0 -> 2.048V internal reference
; RLDAC=0 -> use LDACB pin to control DAC
; PD=0 -> DAC enabled
; SPD=1 -> FAST mode
; write control word:
MOVX @R0, A
; write DAC control word
SETB ET0
; enable timer 0 interrupts
SETB EA
; enable all interrupts
SETB TR0
; start timer 0
always:
SJMP always
RET
;--------------------------------------------------------------------------------------
; Table of 32 wave samples used as DAC data
;--------------------------------------------------------------------------------------
RSEG
WAVTBL
wavetable:
;...insert 32 samples here...
.END
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com