Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV821 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV821
Description  OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV821 Datasheet(HTML) 4 Page - Texas Instruments

  TLV821 Datasheet HTML 1Page - Texas Instruments TLV821 Datasheet HTML 2Page - Texas Instruments TLV821 Datasheet HTML 3Page - Texas Instruments TLV821 Datasheet HTML 4Page - Texas Instruments TLV821 Datasheet HTML 5Page - Texas Instruments TLV821 Datasheet HTML 6Page - Texas Instruments TLV821 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TLV821 SINGLE/TLV822 DUAL/TLV824 QUAD
OPERATIONAL AMPLIFIERS
SLOS296A – FEBRUARY 2000 – REVISED MAY 2000
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC+ = 2.7 V,
GND = 0 V, VCM = 1 V, VO = 1.35 V, and RL > 1 MΩ (unless otherwise noted) (continued)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
IO
Output current
VO = 0 V
Sourcing
25
°C
12
16
mA
IO
Output current
VO = 2.7 V
Sinking
25
°C
12
26
mA
TLV821I
25
°C
0.22
0.3
TLV821I
–40
°C to 85°C
0.5
ICC
Supply current
TLV822I (both amplifiers)
25
°C
0.45
0.6
mA
ICC
Supply current
TLV822I (both amplifiers)
–40
°C to 85°C
0.8
mA
TLV824I (all four amplifiers)
25
°C
0.72
1
TLV824I (all four amplifiers)
–40
°C to 85°C
1.2
SR
Slew rate
VCC+ = 5 V†
25
°C
2
V/
ms
GBM
Gain-bandwidth product
25
°C
7
MHz
fm
Phase margin
25
°C
61
deg
Gm
Gain margin
25
°C
10
dB
Amplifier-to-amplifier isolation
VCC+ = 5 V, RL = 100 kΩ to 2.5 V‡
25
°C
135
dB
Vn
Equivalent input noise voltage
f = 1 kHz, VCM = 1 V
25
°C
28
nV/
√Hz
In
Equivalent input noise voltage
f = 1 kHz
25
°C
0.1
pA/
√Hz
THD
Total harmonic distortion
f = 1 kHz,
AVD = –2, RL = 10 kΩ, VO = 4.1 VPP
25
°C
0.01%
† Connected as voltage follower with 3-V step input. Value specified is the slower of the positive and negative slew rates.
‡ Refers to inputs only. Each amplifier is excited, in turn, with 1 kHz to produce VO = 3 VPP.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com