Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV571PW Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV571PW
Description  2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT, PARALLEL ANALOG-TO-DIGITAL CONVERTER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV571PW Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV571PW Datasheet HTML 17Page - Texas Instruments TLV571PW Datasheet HTML 18Page - Texas Instruments TLV571PW Datasheet HTML 19Page - Texas Instruments TLV571PW Datasheet HTML 20Page - Texas Instruments TLV571PW Datasheet HTML 21Page - Texas Instruments TLV571PW Datasheet HTML 22Page - Texas Instruments TLV571PW Datasheet HTML 23Page - Texas Instruments TLV571PW Datasheet HTML 24Page - Texas Instruments TLV571PW Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TLV571
2.7 V TO 5.5 V, 1-CHANNEL, 8-BIT,
PARALLEL ANALOG-TO-DIGITAL CONVERTER
SLAS239A – SEPTEMBER 1999 – REVISED FEBRUARY 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 14
–0.15
–0.10
–0.05
–0.00
0.05
0.10
0.15
0
64
128
192
256
Digital Output Code
DIFFERENTIAL NONLINEARITY
vs
DIGITAL OUTPUT CODE
AVDD = DVDD = 3 V,
External Ref = 3 V,
CLK = 10 MHz,
TA = 25°C
Figure 15
–0.06
–0.04
–0.02
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0
64
128
192
256
Digital Output Code
INTEGRAL NONLINEARITY
vs
DIGITAL OUTPUT CODE
AVDD = DVDD = 3 V,
External Ref = 3 V,
CLK = 10 MHz,
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com