Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV986 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV986
Description  3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV986 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV986 Datasheet HTML 9Page - Texas Instruments TLV986 Datasheet HTML 10Page - Texas Instruments TLV986 Datasheet HTML 11Page - Texas Instruments TLV986 Datasheet HTML 12Page - Texas Instruments TLV986 Datasheet HTML 13Page - Texas Instruments TLV986 Datasheet HTML 14Page - Texas Instruments TLV986 Datasheet HTML 15Page - Texas Instruments TLV986 Datasheet HTML 16Page - Texas Instruments TLV986 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TLV986
3-V, 10-BIT, 12.5 MSPS, AREA CCD SENSOR PROCESSOR
SLAS228 – JULY 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
CDS/PGA signal processor
The output from the CCD sensor is first fed to a correlated double sampler (CDS). The CCD signal is sampled
and held during the reset reference interval and the video signal interval. By subtracting two resulting voltage
levels, the CDS removes low frequency noise from the output of the CCD sensor and obtains the voltage
difference between the CCD reference level and the video level of each pixel. Two sample/hold control pulses
(SR and SV) are required to perform the CDS function.
The CCD output is capacitively coupled to the TLV986. The ac coupling capacitor is clamped to establish proper
dc bias during the dummy pixel interval by the CLAMP input. The bias at the input to the TLV986 is set to 1.2
V. Normally, the CLAMP is applied at sensor’s line rate. Connect a capacitor with a value ten times larger than
the input ac coupling capacitor between the CLREF terminal and the AGND.
When operating the TLV986 at its maximum speed, the CCD internal source resistance should be less than
50
Ω. Otherwise, the CCD output buffering is required.
The signal is sent to the PGA after the CDS function is complete. The PGA gain is adjustable from 0 to 36 dB
by programming the internal gain register via the serial port. The PGA is digitally controlled with 9-bit resolution
on a linear dB scale, resulting in a 0.09 dB gain step. The gain can be expressed by the following equation,
Gain = PGA code
× 0.09375 dB
Where: PGA code has a range of 0 to 383
For example, If PGA code = 64, then the PGA Gain = 6 db (or gain of 2)
The TLV986 has direct access to the PGA outputs through the TPP terminal and the TPM terminal. See
Test
Register Description for details.
ADC
The ADC employs a pipelined architecture to achieve high throughput and low power consumption. Fully
differential implementation and digital error correction ensure 10-bit resolution.
The latency of the ADC data output is 4.5 ADCCLK cycles as shown in Figure 1. Pulling OE (terminal 24) high
puts the ADC output in high impedance.
user DACs
The TLV986 includes two user DACs that can be used for external analog settings. The output voltage of each
DAC can be independently set and has a range of 0 V to the supply voltage with 8-bit resolution. When the user
DACs are not in use in a camera system, they can be put in the standby mode by programming control bits in
the control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com