Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV987 Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV987
Description  3-V 10-BIT 27 MSPS AREA CCD SENSOR SIGNAL PROCESSOR
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV987 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV987 Datasheet HTML 9Page - Texas Instruments TLV987 Datasheet HTML 10Page - Texas Instruments TLV987 Datasheet HTML 11Page - Texas Instruments TLV987 Datasheet HTML 12Page - Texas Instruments TLV987 Datasheet HTML 13Page - Texas Instruments TLV987 Datasheet HTML 14Page - Texas Instruments TLV987 Datasheet HTML 15Page - Texas Instruments TLV987 Datasheet HTML 16Page - Texas Instruments TLV987 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TLV987
3-V 10-BIT 27 MSPS AREA CCD SENSOR
SIGNAL PROCESSOR
SLAS211A – MARCH 1999 – REVISED SEPTEMBER 1999
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
CDS/PGA signal processor
The output from the CCD sensor is first fed to a correlated double sampler (CDS). The CCD signal is sampled
and held during the reset reference interval and the video signal interval. By subtracting two resulting voltage
levels, the CDS removes low-frequency noise from the output of the CCD sensor and obtains the voltage
difference between the CCD reference level and the video level of each pixel. Two sample and hold control
pulses (SR and SV) are required to perform the CDS function.
The CCD output is capacitively coupled to the TLV987. The ac coupling capacitor is clamped to establish proper
dc bias during the dummy pixel interval by the CLAMP input. The bias at the input to the TLV987 is set to 1.3
V. Normally, CLAMP is applied at the sensor’s line rate. A capacitor, with a value ten times larger than that of
the input ac coupling capacitor, should be connected between the CLREF pin and the AGND pin.
When operating the TLV987 at its maximum speed, the CCD internal source resistance should be smaller than
50
Ω. Otherwise, CCD output buffering is required.
The signal is sent to the PGA after the CDS function is complete. The PGA gain can be adjusted from 0 dB to
36 dB by programming the internal gain register via the serial port. The PGA is digitally controlled with 9-bit
resolution on a linear dB scale, resulting in a 0.09-dB gain step. The gain can be expressed by the following
equation:
Gain = PGA code
× 0.09375 dB
Where, the PGA code has a range of 0 to 383.
For example, if the PGA code = 64, then the PGA gain = 6 dB (or gain of 2)
The TLV987 has direct access to the PGA outputs through the TPP pin and the TPM pin. See
test register
description paragraph for details.
ADC
The ADC employs a pipelined architecture to achieve high throughput and low power consumption. Fully
differential implementation and digital error correction ensure 10-bit resolution.
The latency of the ADC data output is 4.5 ADCCLK cycles as shown in Figure 2. Pulling the OE pin (pin 24) high
puts the ADC output in high impedance.
user DACs
The TLV987 includes two user DACs that can be used for external analog settings. The output voltage of each
DAC can be independently set and has a range of 0 V to the supply voltage with 8-bit resolution. When the user
DACs are not used in a camera system, they can be put in the standby mode by programming control bits in
the control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com