Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV822IPWR Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV822IPWR
Description  OPERATIONAL AMPLIFIERS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV822IPWR Datasheet(HTML) 3 Page - Texas Instruments

  TLV822IPWR Datasheet HTML 1Page - Texas Instruments TLV822IPWR Datasheet HTML 2Page - Texas Instruments TLV822IPWR Datasheet HTML 3Page - Texas Instruments TLV822IPWR Datasheet HTML 4Page - Texas Instruments TLV822IPWR Datasheet HTML 5Page - Texas Instruments TLV822IPWR Datasheet HTML 6Page - Texas Instruments TLV822IPWR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLV821 SINGLE/TLV822 DUAL/TLV824 QUAD
OPERATIONAL AMPLIFIERS
SLOS296A – FEBRUARY 2000 – REVISED MAY 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC
Supply voltage (single-supply operation)
2.5
5.5
V
TA
Operating free-air temperature
–40
85
°C
electrical characteristics at specified free-air temperature, VCC+ = 2.7 V,
GND= 0 V, VCM = 1 V, VO = 1.35 V, and RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
25
°C
1
3.5
mV
VIO
Input offset voltage
–40
°C to 85°C
4
mV
a
V
IO
Average temperature
coefficient of input offset
voltage
25
°C
1
mV/°C
IIB
Input bias current
25
°C
30
90
nA
IIB
Input bias current
–40
°C to 85°C
140
nA
IIO
Input offset current
25
°C
0.5
30
nA
IIO
Input offset current
–40
°C to 85°C
50
nA
CMRR
Common mode rejection ratio
VCM =0to1 7V
25
°C
60
73
dB
CMRR
Common-mode rejection ratio
VCM = 0 to 1.7 V
–40
°C to 85°C
58
dB
+kSVR
Positive supply-voltage
VCC+ = 1.7 V to 4 V,
GND
1 V
25
°C
60
75
dB
+kSVR
yg
rejection ratio
GND = 1 V,
VCM = 0, VO = 0
–40
°C to 85°C
58
dB
kSVR
Negative supply-voltage
VCC+ = 1.7 V,
GND
1Vto 3 3V
25
°C
60
75
dB
–kSVR
gy
g
rejection ratio
GND = –1 V to –3.3 V,
VCM = 0, VO = 0
–40
°C to 85°C
58
dB
VICR
Common-mode input voltage
CMRR
≥ 50 dB
25
°C
–0.2
–0.3
V
VICR
g
range
CMRR
≥ 50 dB
25
°C
1.9
2
V
RL = 600 Ω to 1.35 V,
Sourcing
25
°C
90
100
L
,
VO = 1.35 V to 2.2 V
Sourcing
–40
°C to 85°C
85
RL = 600 Ω to 1.35 V,
Sinking
25
°C
85
90
AVD
Large-signal
differential voltage
L
,
VO = 1.35 V to 0.5 V
Sinking
–40
°C to 85°C
80
dB
AVD
differential-voltage
amplification
RL = 2 kΩ to 1.35 V,
Sourcing
25
°C
95
100
dB
am lification
L
,
VO = 1.35 V to 2.2 V
Sourcing
–40
°C to 85°C
90
RL = 2 kΩ to 1.35 V,
Sinking
25
°C
90
95
L
,
VO = 1.35 V to 0.5 V
Sinking
–40
°C to 85°C
85
High level
25
°C
2.5
2.58
VCC+ = 2.7 V,
High level
–40
°C to 85°C
2.4
CC+
,
RL = 600 Ω to 1.35 V
Low level
25
°C
0.13
0.2
Output swing
Low level
–40
°C to 85°C
0.3
V
Output swing
High level
25
°C
2.6
2.66
V
VCC+ = 2.7 V,
High level
–40
°C to 85°C
2.5
CC+
,
RL = 2 kΩ to 1.35 V
Low level
25
°C
0.08
0.12
Low level
–40
°C to 85°C
0.2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com