Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS279X Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS279X
Description  FLOPPY DISK FORMATTERICONTROLLER FAMILY
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS279X Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS279X Datasheet HTML 9Page - Texas Instruments TMS279X Datasheet HTML 10Page - Texas Instruments TMS279X Datasheet HTML 11Page - Texas Instruments TMS279X Datasheet HTML 12Page - Texas Instruments TMS279X Datasheet HTML 13Page - Texas Instruments TMS279X Datasheet HTML 14Page - Texas Instruments TMS279X Datasheet HTML 15Page - Texas Instruments TMS279X Datasheet HTML 16Page - Texas Instruments TMS279X Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
TMS279X (WD279X) FLOPPY DISK FORMATTER / CONTROLLER FAMILY
13
When both HLD and HLT are true, the 279X will then read from or write to the media. The AND of HLD and
HLT appears as status bit 5 in Type I status.
In summary, for Type I commands: if h = 0 and V = 0, HLD is reset. If h = 1 and V = 0, HLD is set at the
beginning of the command and HLT is not sampled nor is there an internal 15 ms delay. If h = 0 and V = 1,
HLD is set near the end of the command, an internal 15 ms occurs, and the 279X waits for HLT to be true. If
h = 1 and V = 1, HLD is set at the beginning of the command. Near the end of the command, after all the
steps have been issued, an internal 15 ms delay occurs and the 279X then waits for HLT to occur.
For Type II and III commands with E flag off, HLD is made active and HLT is sampled until true. With E flag
on, HLD is made active, an internal 15 ms delay occurs and then HLT is sampled until true.
restore (seek track 0)
Upon receipt of this command, the track 00 (TR00) input is sampled. If TR00 is active low, indicating the
read-write head is positioned over track 0, the track register is loaded with zeroes and an interrupt is
generated. If TR00 is not active low, stepping pulses at a rate specified by the r1 r0 field are issued until the
TR00 input is activated. At this time the track register is loaded with zeroes and an interrupt is generated. If
the TR00 input does not go active low after 255 stepping pulses, the 279X terminates operation, interrupts,
and sets the seek error status bit. A verification operation takes place if the V flag is set. The h bit allows the
head to be loaded at the start of command. Note that the Restore command is executed when M R goes
from an active to an inactive state.
seek
This command assumes that the track register contains the track number of the current position of the
read-write head and the data register contains the desired track number. The TMS279X will update the track
register and issue stepping pulses in the appropriate direction until the contents of the track register are
equal to the contents of the data register (the desired track location). A verification operation takes place if
the V flag is on. The h bit allows the head to be loaded at the start of the command. An interrupt is generated
at the completion of the command. Note: when using multiple drives, the track register must be updated for
the drive selected before seeks are issued.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com