Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4LPW Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # 4LPW
Description  Four-Terminal Current-Sensing Wirewound Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

4LPW Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  4LPW Datasheet HTML 1Page - IRC - a TT electronics Company. 4LPW Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Four-Terminal Current-Sensing
Wirewound Resistor
Electrical Data
4LPW Series
• TC = ±40ppm/°C
• 3 watts to 15 watts
• 0.005 ohm to 1.0 ohm
• ±1%, ±2, ±3, ±5, ±10% tolerance
IRC
Type
Power @ 25°C
(watts)
Max. Current
(amps)
Resistance Range
(ohms)
4LPW-3
3
10
.005 TO 1.0
4LPW-5
4LPW-7
5
7
10
20
.005 TO 1.0
.01 TO 1.0
4LPW-10
4LPW-15
10
15
20
20
.01 TO 1.0
.01 TO 1.0
Please note: When ordering the alternate configuration please add an "A" after the part number. (4LPW-3A)
Standard Configuration
Alternate Configuration
Dimensions (Inches (mm))
IRC
Type
L
±.063 (1.6)
W
±.03 (.8)
H
±.03 (.8)
S
±.062 (1.6)
D
Diameter
E
±.03 (.8)
4LPW-3
.88 (22.4)
.31 (7.87)
.31 (7.87)
.563 (14.3)
.036* (.9)
.38 (9.65)
4LPW-5
.88 (22.4)
.38 (9.65)
.35 (8.89)
.563 (14.3)
.036* (.9)
.41 (10.4)
4LPW-7
1.39 (35.3)
.38 (9.65)
.35 (8.89)
1.013 (25.7)
.036* (.9)
.47 (11.9)
4LPW-10
1.88 (47.8)
.38 (9.65)
.35 (8.89)
1.388 (35.3)
.036* (.9)
.47 (11.9)
4LPW-15
1.88 (47.8)
.50 (12.7)
.50 (12.7)
1.388 (35.3)
.036* (.9)
.63 (16.0)
Type
4LPW
L
D
1.50 ± .062
(38.1 ± 1.6)
S
D
1.0 (25.4)
Min.
1/8
” Max.
W
H
E
Type
4LPW-A
���������������
�������������
������������������������
�������������������������
4LPW Series Issue October 2008 Sheet 1 of 2


Similar Part No. - 4LPW

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
4LPW TTELEC-4LPW Datasheet
282Kb / 2P
3 watts to 15 watts
logo
Welwyn Components Limit...
4LPW-10 WELWYN-4LPW-10 Datasheet
282Kb / 2P
Four-Terminal Current-Sensing Wirewound Resistor
logo
TT Electronics.
4LPW-10 TTELEC-4LPW-10 Datasheet
282Kb / 2P
3 watts to 15 watts
4LPW-10 TTELEC-4LPW-10 Datasheet
511Kb / 2P
Four-Terminal Current-Sensing Wirewound Resistor
logo
Welwyn Components Limit...
4LPW-15 WELWYN-4LPW-15 Datasheet
282Kb / 2P
Four-Terminal Current-Sensing Wirewound Resistor
More results

Similar Description - 4LPW

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
CSR1TTED KOA-CSR1TTED Datasheet
100Kb / 2P
four-terminal current sense resistor
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
Current Sensing Chip Resistor
logo
MERITEK ELECTRONICS COR...
CSR MERITEK-CSR Datasheet
389Kb / 7P
Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
CSR1TTE10L0F KOA-CSR1TTE10L0F Datasheet
272Kb / 2P
four-terminal current sense resistor
logo
Riedon Powertron
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
Current Sensing Chip Resistor
logo
Welwyn Components Limit...
4LPW-3 WELWYN-4LPW-3 Datasheet
282Kb / 2P
Four-Terminal Current-Sensing Wirewound Resistor
logo
KOA Speer Electronics, ...
CSR KOA-CSR Datasheet
419Kb / 2P
four-terminal current sense resistor
logo
STMicroelectronics
STBCFG01 STMICROELECTRONICS-STBCFG01 Datasheet
1Mb / 37P
Integrated current sensing resistor
April 2016 Rev 3
logo
TT Electronics.
4LPW TTELEC-4LPW_17 Datasheet
511Kb / 2P
Four-Terminal Current-Sensing Wirewound Resistor
logo
Eaton All Rights Reserv...
MFFA EATON-MFFA Datasheet
583Kb / 5P
4-terminal SMD current sensing resistor-metal strip
June 2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com