Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8900SPACE Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # 8900SPACE
Description  Space Flight Surface Mount Flat Packs Resistor Networks
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

8900SPACE Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  8900SPACE Datasheet HTML 1Page - IRC - a TT electronics Company. 8900SPACE Datasheet HTML 2Page - IRC - a TT electronics Company. 8900SPACE Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Environmental Data
Environnmental Test
MIL-PRF-83401
Maximum
ΔR per
Characteristic H
Performance
Typical
Maximum
Thermal Shock and Power Conditioning
±0.50%
±0.02%
±0.10%
Low Temperature Operation
±0.10%
±0.01%
±0.01%
Short Time Overload
±0.10%
±0.01%
±0.05%
High Temperature Exposure
±0.20%
±0.03%
±0.10%
Effects of Solder
±0.10%
±0.02%
±0.10%
Moisture Resistance
±0.40%
±0.03%
±0.10%
Life
±0.50%
±0.03%
±0.10%
0.825
″ Max
L
0.250
″ ± .010″
0.050
″ ± .005″
0.300
″ ± .050″
0.017
″ ± .002″
0.075
″ Max
0.250
″ ± .010″
0.005
″ ± .001″
0.030
″ max miniscus
typ
0.305
″ Max
included miniscus
Physical and Schematic Data
Space Flight Surface Mount
Flat Packs Resistor Networks
N
N-1
N-2
N / 2
1
2
3
Isolated Schematic A
N
N-1
N-2
N / 2
1
2
3
Bussed Schematic B
# of
leads
Dimension L
14
0.375
″ ± .010″
16
0.390
″ ± .020″
8900 Space Series Issue Feb 2009 Sheet 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com