Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320C32 Datasheet(PDF) 21 Page - Texas Instruments

Part # TMS320C32
Description  DIGITAL SIGNAL PROCESSOR
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C32 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320C32 Datasheet HTML 17Page - Texas Instruments TMS320C32 Datasheet HTML 18Page - Texas Instruments TMS320C32 Datasheet HTML 19Page - Texas Instruments TMS320C32 Datasheet HTML 20Page - Texas Instruments TMS320C32 Datasheet HTML 21Page - Texas Instruments TMS320C32 Datasheet HTML 22Page - Texas Instruments TMS320C32 Datasheet HTML 23Page - Texas Instruments TMS320C32 Datasheet HTML 24Page - Texas Instruments TMS320C32 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
TMS320C32
DIGITAL SIGNAL PROCESSOR
SPRS027C – JANUARY 1995 – REVISED DECEMBER 1996
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
operating characteristics for CLKIN, H1 and H3 [Q = tc(CI)] (see Figure 14 and Figure 15)
NO
PARAMETERS
TEST
’C32 - 40
’C32 - 50
’C32 - 60
UNIT
NO.
PARAMETERS
CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
1
tf(CI)
Fall time, CLKIN
5‡
5‡
4‡
ns
2
tw(CIL)
Pulse duration, CLKIN low
Q = MIN
9
7
6
ns
3
tw(CIH)
Pulse duration, CLKIN high
Q = MIN
9†
8†
6†
ns
4
tr(CI)
Rise time, CLKIN
5‡
5‡
4‡
ns
5
tc(CI)
Cycle time, CLKIN
25
303
20
303
16.67
303
ns
6
tf(H)
Fall time, H1 / H3
3
3
3
ns
7
tw(HL)
Pulse duration, H1 / H3 low
Q–5
Q–5
Q–4
ns
8
tw(HH)
Pulse duration, H1 / H3 high
Q–6
Q–6
Q–5
ns
9
tr(H)
Rise time, H1 / H3
3
3
3
ns
9.1
td(HL-HH)
Delay time, H1 / H3 low to H1 / H3 high
0
4
0
4
0
4
ns
10
tc(H)
Cycle time, H1 / H3
50
606
40
606
33.33
606
ns
† The minimum CLKIN high pulse duration at 3.3 MHz is 10 ns.
‡ Assured by design but not tested
1
4
CLKIN
5
2
3
Figure 14. CLKIN Timing
H3
H1
6
9
9.1
9.1
6
9
10
8
7
7
8
10
Figure 15. H1 / H3 Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com