Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # CMF
Description  Commercial Grade Metal Film Resistor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CMF Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  CMF Datasheet HTML 1Page - IRC - a TT electronics Company. CMF Datasheet HTML 2Page - IRC - a TT electronics Company. CMF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Commercial Grade
Metal Film Resistor
Sample Part No.
IRC Type
CMF - Metal Film Resistor
Power Rating
(See specs table)
Resistance Value (EIA 4-digit code)
(
≥100Ω - First 3 significant digits plus 4th digit multiplier)
Example: 100 ohms = 1000, 1000 ohms = 1001
(>100
Ω - "R" is used to designate decimal)
Example: 10
Ω = 10R0, 1Ω = 1R00, 51Ω = 51R0
Tolerance
F = ±1%; G = ±2%; J = ±5%
RoHS- compliance
LF = RoHS compliant construction
Packaging
TR = tape and reel only
Ordering Data
CMF
- 1
1001
F
LF
TR
Specify type, resistance, tolerance, RoHS-Compliance and packaging.
This example is for a Metal Film Resistor, 1-watt, 1000
Ω resistor.
Derating Curve
-55°C
+70°C
+155°C
-60
-30
0
30
60
90
120 150 180
100
80
60
40
20
Ambient Temperature (°C)
Hot Spot Temperature Curve
25
50
75
100
200
150
100
50
0
CMF-200
CMF-100
CMF-50
CMF-25
CMF-12
CMF Series Issue May 2009 Sheet 3 of 3
Measuring position



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com