Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320LC15 Datasheet(PDF) 15 Page - Texas Instruments

Part # TMS320LC15
Description  DIGITAL SIGNAL PROCESSORS
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC15 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TMS320LC15 Datasheet HTML 11Page - Texas Instruments TMS320LC15 Datasheet HTML 12Page - Texas Instruments TMS320LC15 Datasheet HTML 13Page - Texas Instruments TMS320LC15 Datasheet HTML 14Page - Texas Instruments TMS320LC15 Datasheet HTML 15Page - Texas Instruments TMS320LC15 Datasheet HTML 16Page - Texas Instruments TMS320LC15 Datasheet HTML 17Page - Texas Instruments TMS320LC15 Datasheet HTML 18Page - Texas Instruments TMS320LC15 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 146 page
background image
V
µA
µA
pF
pF
VOH
High-level output voltage
IOZ
Off-state output current
Ci
Input capacitance
II
Input current
Co
Output capacitance
f = 1 MHz, all other pins 0 V
VCC = VSS to VCC
VCC = MAX
SPRS009C – JANUARY 1987 – REVISED JULY 1991
TMS320C10, TMS320C10-14, TMS320C10-25
DIGITAL SIGNAL PROCESSORS
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
15
electrical characteristics over specified temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
IOH = MAX
2.4
3
IOH = 20 µA (see Note 7)
VCC – 0.4‡
VOL
Low-level output voltage
IOL = MAX
0.3
0.5
V
VO = 2.4 V
20
VO = 0.4 V
–20
All inputs except CLKIN
±20
CLKIN
±50
Data bus
25‡
All others
15‡
Data bus
25‡
All others
10‡
† All typical values are at VCC = 5 V, TA = 25°C.
‡ Values derived from characterization data and not tested.
NOTE 7: This voltage specification is included for interface to HC logic. However, note that all of the other timing parameters defined in this data
sheet are specified for TTL logic levels and will differ for HC logic levels.
INTERNAL CLOCK OPTION
C1
C2
Crystal
X1
X2/CLKIN
Figure 1. Internal Clock Option
PARAMETER MEASUREMENT INFORMATION
2.15 V
From Output
Under Test
RL = 825 Ω
Test
Point
CL = 100 pF
Figure 2. Test Load Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com