Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS32025 Datasheet(PDF) 38 Page - Texas Instruments

Part # TMS32025
Description  SECOND-GENERATION DIGITAL SIGNAL PROCESSORS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS32025 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS32025 Datasheet HTML 34Page - Texas Instruments TMS32025 Datasheet HTML 35Page - Texas Instruments TMS32025 Datasheet HTML 36Page - Texas Instruments TMS32025 Datasheet HTML 37Page - Texas Instruments TMS32025 Datasheet HTML 38Page - Texas Instruments TMS32025 Datasheet HTML 39Page - Texas Instruments TMS32025 Datasheet HTML 40Page - Texas Instruments TMS32025 Datasheet HTML 41Page - Texas Instruments TMS32025 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 69 page
background image
TMS320C25-50
SPRS010B — MAY 1987 — REVISED NOVEMBER 1990
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
38
RS, INT, BIO, AND XF TIMING
switching characteristics over recommended operating conditions (see Notes 3 and 16)
PARAMETER
MIN
TYP
MAX
UNIT
td(RS)
CLKOUT1 low to reset state entered
22†
ns
td(IACK)
CLKOUT1 to IACK valid
– 5
7
ns
td(XF)
XF valid before falling edge of STRB
Q – 8
ns
† Value derived from characterization data and not tested.
NOTES: 3. Q = 1/4 tc(C)
16. RS, INT, BIO are asynchronous inputs and can occur at any time during a clock cycle.
timing requirements over recommended operating conditions (see Notes 3 and 16)
MIN
NOM
MAX
UNIT
tsu(IN)
INT, BIO, RS setup before CLKOUT1 high
25
ns
th(IN)
INT, BIO, RS hold after CLKOUT1 high
0
ns
tf(IN)
INT, BIO fall time
8†
ns
tw(IN)
INT, BIO low pulse duration
tc(C)
ns
tw(RS)
RS low pulse duration
3tc(C)
ns
† Value derived from characterization data and not tested.
NOTES: 3. Q = 1/4 tc(C)
16. RS, INT, BIO are asynchronous inputs and can occur at any time during a clock cycle.
HOLD TIMING
switching characteristics over recommended operating conditions (see Note 3)
PARAMETER
MIN
TYP
MAX
UNIT
td(CIL-AL)
HOLDA low after CLKOUT1 low
1 †
11
ns
tdis(AL-A)
HOLDA low to address high-impedance
0 †
ns
tdis(CIL-A)
Address high-impedance after CLKOUT1 low (HOLD mode, see Note 17)
20 †
ns
td(HH-AH)
HOLD high to HOLDA high
19
ns
ten(A-CIL)
Address driven before CLKOUT1 low (HOLD mode, see Note 17)
8 †
ns
† Value derived from characterization data and not tested.
NOTES: 3. Q = 1/4 tc(C)
17. A15-A0, PS, DS, STRB, and R/W timings are all included in timings referenced as “address”.
timing requirements over recommended operating conditions (see Note 3)
MIN
NOM
MAX
UNIT
td(C2H-H)
HOLD valid after CLKOUT2 high
Q – 19
ns
NOTE 3: Q = 1/4 tc(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com