Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMF5-100-R250-G Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # CMF5-100-R250-G
Description  Thick Film High Voltage/ High Reliability MIL-Approved Metal Glaze??Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

CMF5-100-R250-G Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  CMF5-100-R250-G Datasheet HTML 1Page - IRC - a TT electronics Company. CMF5-100-R250-G Datasheet HTML 2Page - IRC - a TT electronics Company. CMF5-100-R250-G Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
Wire and Film Technologies Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
BD
CL
BL
0.032 (0.81) DIA.*
1.50 ± 0.125
(38.1 ± 3.2)
Dimensions (Inches and (mm))
IRC Type
Body Length - BL
Body Diameter - BD
Clean Lead to Clean Lead - CL
CMH - 1/4
0.275 ± 0.031 (6.98 ± 0.79)
0.088 ± 0.010 (2.22 ± 0.25)
0.400 (10.16)
CMH - 1/2
0.400 ± 0.031 (10.16 ± 0.79)
0.138 ± 0.016 (3.51 ± 0.41)
0.525 (13.34)
CMH - 1
0.690 ± 0.062 (17.53 ± 1.57)
0.297 ± 0.031 (7.54 ± 0.79)
0.900 (22.86)
CMH - 2
1.062 ± 0.062 (26.97 ± 1.57)
0.297 ± 0.031 (7.54 ± 0.79)
1.250 (31.75)
CMH - 3
2.062 ± 0.062 (52.37 ± 1.57)
0.297 ± 0.031 (7.54 ± 0.79)
2.250 (57.15)
CMH - 5
3.062 ± 0.062 (77.77 ± 1.57)
0.297 ± 0.031 (7.54 ± 0.79)
3.250 (82.55)
*CMH 1/4 leads are
0.025 (0.64) in diameter
Power Derating Curve
80
100
120
140
160
180
100
90
80
70
60
50
40
30
20
10
0
Ambient Temperature (°C)
Temperature Rise Chart
Temperature Rise (°C)
100
90
80
70
60
50
40
30
20
10
0
0
10
20
30
40
50
60
70
80
90
CMH 1/4
CMH 1/2
CMH 1
CMH 2-3
CMH 5
IRC Advanced Film Division
Physical Data
Thick Film High Voltage/
High Reliability MIL-Approved
Metal Glaze™ Resistors
CMH Series Issue September 2008 Sheet 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com