Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320LC17 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS320LC17
Description  DIGITAL SIGNAL PROCESSORS
PDF  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC17 Datasheet(HTML) 2 Page - Texas Instruments

  TMS320LC17 Datasheet HTML 1Page - Texas Instruments TMS320LC17 Datasheet HTML 2Page - Texas Instruments TMS320LC17 Datasheet HTML 3Page - Texas Instruments TMS320LC17 Datasheet HTML 4Page - Texas Instruments TMS320LC17 Datasheet HTML 5Page - Texas Instruments TMS320LC17 Datasheet HTML 6Page - Texas Instruments TMS320LC17 Datasheet HTML 7Page - Texas Instruments TMS320LC17 Datasheet HTML 8Page - Texas Instruments TMS320LC17 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 146 page
background image
DEVICE
SPRS009C – JANUARY 1987 – REVISED JULY 1991
TMS320C1x
DIGITAL SIGNAL PROCESSORS
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77001
2
Table 1 provides an overview of
′C1x processors with comparisons of memory, I/O, cycle timing, military support,
and package types. For specific availability, contact the nearest TI Field Sales Office.
Table 1. TMS320C1x Device Overview
MEMORY
I/O
CYCLE
PACKAGE (1)
RAM
ROM
EPROM
PROG.
SERIAL
PARALLEL
(ns)
DIP
PLCC
CER-QUAD
TMS320C10 (2)
144
1.5K
—
4K
—
8
× 16
200
40
44
—
TMS320C10-14
144
1.5K
—
4K
—
8
× 16
280
40
44
—
TMS320C10-25
144
1.5K
—
4K
—
8
× 16
160
40
44
—
TMS320C14 (3)
256
4K
—
4K
1
7
× 16 (4)
160
—
68
—
TMS320E14 (3)
256
—
4K
4K
1
7
× 16 (4)
160
—
—
68 CER
TMS320P14†
256
—
4K
4K
1
7
× 16 (4)
160
—
68
—
TMS320C15 (3)
256
4K
—
4K
—
8
× 16
200
40
44
—
TMS320C15-25
256
4K
—
4K
—
8
× 16
160
40
44
—
TMS320E15 (3)
256
—
4K
4K
—
8
× 16
200
40
—
44 CER
TMS320E15-25
256
—
4K
4K
—
8
× 16
160
40
—
44 CER
TMS320LC15
256
4K
—
4K
—
8
× 16
250
40
44
—
TMS320P15†
256
—
4K
4K
—
8
× 16
200
40
44
—
TMS320C16
256
8K
—
64K
—
8
× 16
114
—
—
64 QFP
TMS320C17
256
4K
—
—
2
6
× 16 (5)
200
40
44
—
TMS320E17 (5)
256
—
4K
—
2
6
× 16 (5)
200
40
—
44 CER
TMS320LC17 (5)
256
4K
—
—
2
6
× 16 (5)
278
40
44
—
TMS320P17 (5)†
256
—
4K
—
2
6
× 16 (5)
200
40
44
† One-time programmable (OTP) device is in a windowless plastic package and cannot be erased.
NOTES: 1. DIP = dual in-line package. PLCC = plastic-leaded chip carrier. CER = ceramic-leaded chip carrier. QFP = plastic quad flat pack.
2. Military version available.
3. Military versions planned; contact nearest TI Field Sales Office for availability.
4. On-chip 16-bit I/O, four capture inputs, and six compare outputs are available.
5. On-chip 16-bit coprocessor interface is optional by pin selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com