Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320UC5402 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS320UC5402
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5402 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320UC5402 Datasheet HTML 9Page - Texas Instruments TMS320UC5402 Datasheet HTML 10Page - Texas Instruments TMS320UC5402 Datasheet HTML 11Page - Texas Instruments TMS320UC5402 Datasheet HTML 12Page - Texas Instruments TMS320UC5402 Datasheet HTML 13Page - Texas Instruments TMS320UC5402 Datasheet HTML 14Page - Texas Instruments TMS320UC5402 Datasheet HTML 15Page - Texas Instruments TMS320UC5402 Datasheet HTML 16Page - Texas Instruments TMS320UC5402 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
TMS320UC5402
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS096A – APRIL 1999 – REVISED DECEMBER 1999
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
on-chip peripherals
The ’UC5402 device has the following peripherals:
D Software-programmable wait-state generator with programmable bank-switching wait states
D An enhanced 8-bit host-port interface (HPI-8)
D Two multichannel buffered serial ports (McBSPs)
D Two hardware timers
D A clock generator with a phase-locked loop (PLL)
D A direct memory access (DMA) controller
software-programmable wait-state generator
The software wait-state generator of the ’UC5402 can extend external bus cycles by up to fourteen machine
cycles. Devices that require more than fourteen wait states can be interfaced using the hardware READY line.
When all external accesses are configured for zero wait states, the internal clocks to the wait-state generator
are automatically disabled. Disabling the wait-state generator clocks reduces the power comsumption of the
’UC5402.
The software wait-state register (SWWSR) controls the operation of the wait-state generator. The 15 LSBs of
the SWWSR specify the number of wait states (0 to 7) to be inserted for external memory accesses to five
separate address ranges. This allows a different number of wait states for each of the five address ranges.
Additionally, the software wait-state multiplier (SWSM) bit of the software wait-state control register (SWCR)
defines a multiplication factor of 1 or 2 for the number of wait states. At reset, the wait-state generator is initialized
to provide seven wait states on all external memory accesses. The SWWSR bit fields are shown in Figure 3
and described in Table 2.
XPA
I/O
Data
Data
Program
Program
14
12 11
9
8
6
5
3
2
0
15
R/W-111
R/W-0
R/W-111
R/W-111
R/W-111
R/W-111
LEGEND: R=Read, W=Write, 0=Value after reset
Figure 3. Software Wait-State Register (SWWSR) [Memory-Mapped Register (MMR) Address 0028h]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com