Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320LC548 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320LC548
Description  FIXED-POINT DIGITAL SIGNAL PROCESSORS
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320LC548 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320LC548 Datasheet HTML 17Page - Texas Instruments TMS320LC548 Datasheet HTML 18Page - Texas Instruments TMS320LC548 Datasheet HTML 19Page - Texas Instruments TMS320LC548 Datasheet HTML 20Page - Texas Instruments TMS320LC548 Datasheet HTML 21Page - Texas Instruments TMS320LC548 Datasheet HTML 22Page - Texas Instruments TMS320LC548 Datasheet HTML 23Page - Texas Instruments TMS320LC548 Datasheet HTML 24Page - Texas Instruments TMS320LC548 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 111 page
background image
TMS320C54x, TMS320LC54x, TMS320VC54x
FIXED-POINT DIGITAL SIGNAL PROCESSORS
SPRS039C – FEBRUARY 1996 – REVISED DECEMBER 1999
21
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
on-chip ROM (continued)
Customers can arrange to have the ROM of the ’54x programmed with contents unique to any particular
application.
on-chip dual-access RAM (DARAM)
The ’541 devices have a 5K-word
× 16-bit on-chip DARAM (5 blocks of 1K-word each).
The ’542 and ’543 devices have a 10K-word
× 16-bit on-chip DARAM (5 blocks of 2K-word each).
The ’545 and ’546 devices have a 6K-word
× 16-bit on-chip DARAM (3 blocks of 2K-word each).
The ’548 and ’549 devices have a 8K-word
× 16-bit on-chip DARAM (4 blocks of 2K-word each).
Each of these RAM blocks can be accessed twice per machine cycle. This memory is intended primarily to store
data values; however, it can be used to store program as well. At reset, the DARAM is mapped into data memory
space. DARAM can be mapped into program / data memory space by setting the OVLY bit in the PMST register.
on-chip single-access RAM (SARAM)
The ’548 and ’549 devices have a 24K word
× 16 bit on-chip SARAM (three blocks of 8K words each).
Each of these SARAM blocks is a single-access memory. This memory is intended primarily to store data values;
however, it can be used to store program as well. At reset, the SARAM is mapped into data memory space
(2000h–7FFFh). SARAM can be mapped into program / data memory space by setting the OVLY bit in the PMST
register.
on-chip memory security
The ’54x devices have a maskable option to protect the contents of on-chip memories. When the related bit is
set, no externally originating instruction can access the on-chip memory spaces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com