Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # HER201PT
Description  HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

HER201PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  HER201PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. HER201PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( HER201PT THRU HER208PT )
FIG. 1 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
FIG. 6 - TYPICAL JUNCTION CAPACITANCE
FIG. 5 - MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
REVERSE VOLTAGE, ( V )
NUMBER OF CYCLES AT 60 Hz
INSTANTANEOUS FORWARD VOLTAGE, ( V )
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
AMBIENT TEMPERATURE (
OC )
FIG. 2 - TYPICAL FORWARD
CURRENT DERATING CURVE
NONINDUCTIVE
NONINDUCTIVE
D.U.T
( + )
25 Vdc
(approx)
( - )
1
NON-
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
( - )
( + )
NOTES: 1. Rise Time = 7ns max. Input Impedance =
1 megohm. 22pF.
2. Rise Time = 10ns max. Source Impedlance=
50 ohms.
+0.5A
0
-0.25A
-1.0A
trr
1cm
SET TIME BASE FOR
10/20 nS/cm
Single Phase
Half Wave 60Hz
Resistive or
Inductive Load
3.0
2.0
1.0
0
25
0
50
75
100
125 150 175
10
1.0
.1
0.1
0.01
0
.2
.4
.6
.8
1.0
1.2
1.4
1.6
1.8
0
20
40
60
80
100
120
140
Pulse Width = 300uS
1% Duty Cycle
TJ= 25
oC
HER201PT~HER203PT
HER204PT~HER205PT
HER207PT~HER208PT
TJ= 25
oC
TJ= 25
oC
TJ= 100
oC
TJ= 150
oC
.01
.1
1.0
10
100
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20
40
100
1
2
5
10
20
50
100
70
60
50
40
30
20
10
0
8.3ms Single Half Sine-Wave
(JEDEC Method)
HER201PT~205PT
HER206PT~208PT
50
10
HER206PT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com