Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS3471 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS3471
Description  2/3-INCH NTSC TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3471 Datasheet(HTML) 3 Page - Texas Instruments

  TMS3471 Datasheet HTML 1Page - Texas Instruments TMS3471 Datasheet HTML 2Page - Texas Instruments TMS3471 Datasheet HTML 3Page - Texas Instruments TMS3471 Datasheet HTML 4Page - Texas Instruments TMS3471 Datasheet HTML 5Page - Texas Instruments TMS3471 Datasheet HTML 6Page - Texas Instruments TMS3471 Datasheet HTML 7Page - Texas Instruments TMS3471 Datasheet HTML 8Page - Texas Instruments TMS3471 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
The levels on these three terminals determine which of the eight antiblooming modes is selected:
MODE
ABS2
ABS1
ABS0
Operation
0LLL
No ABG pulses
1
L
L
H
250-kHz clocking during flyback only
2
L
H
L
1-MHz clocking during flyback only
3
L
H
H
2.2-MHz clocking during flyback only
4
H
L
L
250-kHz continuous clocking
5
H
L
H
500-kHz continuous clocking
6
H
H
L
1-MHz continuous clocking
7
H
H
H
2.2-MHz continuous clocking
TMS3471C
2/3-INCH NTSC TIMER
SOCS028B – AUGUST 1991
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
ABIN
29
O
Antiblooming in. ABIN drives the ABG input of the TC240/TC241 CCD image sensors.
ABS0
9
I
ABS1
10
I
ABS2
11
I
BCP1
44
O
Optical black clamp pulse 1
BCP2
1
O
Optical black clamp pulse 2
BCPS0
39
I
The levels on BCPS0 and BCPS1 determine the placement and duration of the BCP1 and BCP2 pulses
relative to the horizontal scan timing (see Figure 4 for the truth table for BCPS0 and BCPS1 and for the
BCPS1
40
I
relative to the horizontal scan timing (see Figure 4 for the truth table for BCPS0 and BCPS1 and for the
corresponding BCP1 and BCP2 pulse placements).
BF
6
O
Burst flag
CBLK
5
O
Composite blank
CLK2M
21
O
2-MHz clock
CP1
3
O
Clamp
CP2
2
O
Clamp
CSYNC
4
O
Composite sync
E/L
42
I
Delay select for S1 and S2,3. When E/L is high, the two serial-transfer pulses occur early relative to the
sample-and-hold pulses SH1 and SH2,3. When E/L is low, the two serial-transfer pulses occur late
relative to the sample-and-hold pulses.
FI
43
O
Field index
GND
33
Ground
GP
15
I
Exposure control: GP gates PS and PI
GT
28
O
TMS3473B parallel-driver MIDSEL input switch
GT1
36
O
Y gate 1
GT2
37
O
Y gate 2
GT3
38
O
Y gate 3
HGATE
20
O
Decoded H count signal. HGATE is a test point and is not used in normal operation.
HIGH
12
I
Not used (tie high)
I/N
13
I
Interlace select. If high, interlace mode is selected; if low, noninterlace mode is selected.
PD
26
O
Power down. A low-logic level on PD causes the device to enter a low power-consumption mode.
PI
30
O
Parallel-image-area gate clock
PS
27
O
Parallel-storage-area gate clock
SB
14
I
Standby-mode select. When SB is high, normal operation is selected; when SB is low, the power-down
mode is selected.
SC
7
O
Subcarrier (3.58 MHz)
SC(90)
8
O
Subcarrier phase shifted by 90 degrees
SH1
32
O
Sample-and-hold pulse 1
SH2,3
31
O
Sample-and-hold pulse 2, 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com