Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS3473 Datasheet(PDF) 1 Page - Texas Instruments

Part # TMS3473
Description  PARALLEL DRIVER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3473 Datasheet(HTML) 1 Page - Texas Instruments

  TMS3473 Datasheet HTML 1Page - Texas Instruments TMS3473 Datasheet HTML 2Page - Texas Instruments TMS3473 Datasheet HTML 3Page - Texas Instruments TMS3473 Datasheet HTML 4Page - Texas Instruments TMS3473 Datasheet HTML 5Page - Texas Instruments TMS3473 Datasheet HTML 6Page - Texas Instruments TMS3473 Datasheet HTML 7Page - Texas Instruments TMS3473 Datasheet HTML 8Page - Texas Instruments TMS3473 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TMS3473B
PARALLEL DRIVER
SOCS022B – NOVEMBER 1990
Copyright
© 1990, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• TTL-Compatible Inputs
• CCD-Compatible Outputs
• Variable-Output Slew Rates With External
Resistor Control
• Full-Frame Operation
• Frame-Transfer Operation
• Solid-State Reliability
• Adjustable Clock Levels
description
The TMS3473B is a monolithic CMOS integrated
circuit designed to drive the parallel image-area
gate (IAG), parallel storage-area gate (SAG), and
antiblooming gate (ABG) inputs of the Texas Instruments (TI
™) virtual-phase CCD image sensors. The
TMS3473B interfaces the CCD image sensor to a user-defined timing generator; it receives TTL-input signals
from the timing generator and outputs level-shifted and slew-rate-adjusted signals to the image sensor.
The TMS3473B allows operation of the CCD image sensor in either the interlace or noninterlace mode. When
the TMS3473B I/N input is connected to VSS, the interlace mode is selected (see Figure 1); when I/N is
connected to VCC, the noninterlace mode is selected (see Figure 2).
ABOUT follows ABIN and switches between VABG+ and VABG–. IAOUT and SAOUT follow IAIN and SAIN,
respectively, and switch between VCC and VSS. Additionally, ABOUT and IAOUT can each be made to output
midlevel voltages. DC inputs to ABLVL and IALVL determine the midlevel voltages that can be output on ABOUT
and IAOUT, respectively. A high-logic level on MIDSEL causes ABOUT to output its midlevel voltage; a low-logic
level on MIDSEL causes IAOUT to output its midlevel voltage if the interlace mode is selected.
Slew-rate adjustment of IAOUT and ABOUT is accomplished by connecting IASR to VCC and ABSR to VABG+
through external resistors. The larger the resistor values, the longer the rise and fall times are.
A low-logic level on PD causes the TMS3473B to power down and all outputs to assume their low levels (IAOUT
and SAOUT to VSS, ABOUT to VABG–).
The TMS3473B is supplied in a 20-pin surface-mount package (DW) and is characterized for operation from
–20
°C to 45°C.
This device contains circuits to protect its inputs and outputs against damage due to high static voltages or electrostatic fields. These
circuits have been qualified to protect this device against electrostatic discharges (ESD) of up to 2 kV according to MIL-STD-883C,
Method 3015; however, precautions should be taken to avoid application of any voltage higher than maximum-rated voltages to these
high-impedance circuits. During storage or handling, the device leads should be shorted together or the device should be placed in
conductive foam. In a circuit, unused inputs should always be connected to an appropriated logic voltage level, preferably either VCC or ground.
Specific guidelines for handling devices of this type are contained in the publication
Guidelines for Handling Electrostatic-Discharge-Sensitive
(ESDS) Devices and Assemblies available from Texas Instruments.
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
IALVL
I/N
IAIN
ABIN
MIDSEL
SAIN
PD
GND
VABG+
VSS
VSS
IASR
ABSR
VCC
ABLVL
IAOUT
ABOUT
SAOUT
VCC
VABG–
DW PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
TI is a trademark of Texas Instruments Incorporated.


Similar Part No. - TMS3473

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS3473BDW TI-TMS3473BDW Datasheet
173Kb / 13P
192- 횞 165-pixel ccd image sensor
TMS3473BDW TI-TMS3473BDW Datasheet
325Kb / 21P
1024- 횞 512-pixel ccd image sensor
TMS3473BDW TI-TMS3473BDW Datasheet
384Kb / 21P
1158- 횞 488-pixel ccd image sensor
TMS3473BDW TI-TMS3473BDW Datasheet
282Kb / 18P
780- 횞 488-pixel ccd image sensor
TMS3473BDW TI-TMS3473BDW Datasheet
469Kb / 19P
786- 횞 488-pixel ccd image sensor
More results

Similar Description - TMS3473

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62824P TOSHIBA-TD62824P Datasheet
272Kb / 7P
8x3 PARALLEL SHIFT REGISTER/DRIVER
TD6337P TOSHIBA-TD6337P Datasheet
236Kb / 6P
10BIT SERIAL-INPUT/PARALLEL OUTPUT DRIVER
logo
Rohm
BU2090F ROHM-BU2090F Datasheet
241Kb / 6P
12bit Serial IN / Parallel Out Driver
BU2098F ROHM-BU2098F Datasheet
212Kb / 6P
8bit Serial IN / Parallel Out Driver
logo
Intel Corporation
M8216 INTEL-M8216 Datasheet
111Kb / 2P
4-BIT PARALLEL BIDIRECTIONAL BUS DRIVER
logo
Rohm
BA829 ROHM-BA829_1 Datasheet
165Kb / 6P
8bits Serial-In Parallel-Out Driver
logo
Eutech Microelectronics...
EUP3595 EUTECH-EUP3595 Datasheet
400Kb / 10P
Parallel White-LED Driver
logo
Rohm
BA823F ROHM-BA823F_09 Datasheet
326Kb / 9P
Serial-Parallel 3-input Driver
BA829 ROHM-BA829_09 Datasheet
246Kb / 8P
Serial / Parallel 5-input Driver
logo
M/A-COM Technology Solu...
MADR-011007 MA-COM-MADR-011007_15 Datasheet
637Kb / 5P
40-bit Serial to Parallel Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com