Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS77C82 Datasheet(PDF) 46 Page - Texas Instruments

Part # TMS77C82
Description  8-BIT MICROCONTROLLER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS77C82 Datasheet(HTML) 46 Page - Texas Instruments

Back Button TMS77C82 Datasheet HTML 41Page - Texas Instruments TMS77C82 Datasheet HTML 42Page - Texas Instruments TMS77C82 Datasheet HTML 43Page - Texas Instruments TMS77C82 Datasheet HTML 44Page - Texas Instruments TMS77C82 Datasheet HTML 45Page - Texas Instruments TMS77C82 Datasheet HTML 46Page - Texas Instruments TMS77C82 Datasheet HTML 47Page - Texas Instruments TMS77C82 Datasheet HTML 48Page - Texas Instruments TMS77C82 Datasheet HTML 49Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 46 / 49 page
background image
TMS370Cx0x
8-BIT MICROCONTROLLER
SPNS029C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
46
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
SCI1 isosynchronous mode timing characteristics and requirements for external clock
(see Note 12 and Figure 24)
NO.
MIN
MAX
UNIT
31
tc(SCC)
Cycle time, SCICLK
10tc
ns
32
tw(SCCL)
Pulse duration, SCICLK low
4.25tc + 120
ns
33
tw(SCCH)
Pulse duration, SCICLK high
tc + 120
ns
34
td(SCCL-TXDV)
Delay time, SCITXD valid after SCICLK low
4.25tc + 145
ns
35
tv(SCCH-TXD)
Valid time, SCITXD data valid after SCICLK high
tw(SCCH)
ns
36
tsu(RXD-SCCH)
Setup time, SCIRXD to SCICLK high
40
ns
37
tv(SCCH-RXD)
Valid time, SCIRXD data after SCICLK high
2tc
ns
NOTE 12: tc = system-clock cycle time = 1 / SYSCLK
SCIRXD
SCITXD
SCICLK
36
35
31
33
32
Data Valid
Data Valid
34
37
Figure 24. SCI1 Isosynchronous Timing for External Clock
Table 18 is designed to aid the user in referencing a device part number to a mechanical drawing. The table
shows a cross-reference of the device part number to the TMS370 generic package name and the associated
mechanical drawing by drawing number and name.
Table 18. TMS370Cx0x Family Package Type and Mechanical Cross-Reference
PKG TYPE
(mil pin spacing)
TMS370 GENERIC NAME
PKG TYPE NO. AND
MECHANICAL NAME
DEVICE PART NUMBERS
FN – 28 pin
(50-mil pin spacing)
PLASTIC LEADED CHIP CARRIER
(PLCC)
FN(S-PQCC-J**) PLASTIC J-LEADED
CHIP CARRIER
TMS370C002AFNA
TMS370C002AFNL
TMS370C002AFNT
TMS370C302AFNA
TMS370C302AFNL
TMS370C302AFNT
TMS370C702FNT
FZ – 28 pin
(50-mil pin spacing)
CERAMIC LEADED CHIP CARRIER
(CLCC)
FZ(S-CQCC-J**) J-LEADED CERAMIC
CHIP CARRIER
SE370C702FZT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com