Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS370 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 35Page - Texas Instruments TMS370 Datasheet HTML 36Page - Texas Instruments TMS370 Datasheet HTML 37Page - Texas Instruments TMS370 Datasheet HTML 38Page - Texas Instruments TMS370 Datasheet HTML 39Page - Texas Instruments TMS370 Datasheet HTML 40Page - Texas Instruments TMS370 Datasheet HTML 41Page - Texas Instruments TMS370 Datasheet HTML 42Page - Texas Instruments TMS370 Datasheet HTML 43Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
TMS370Cx32
8-BIT MICROCONTROLLER
SPNS015C – FEBRUARY 1990 – REVISED FEBRUARY 1997
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
ADC1 converter
The ADC1 converter has a separate power bus for its analog circuitry. These pins are referred to as VCC3 and
VSS3. The purpose is to enhance ADC1 performance by preventing digital switching noise of the logic circuitry
that can be present on VSS1 and VCC1 from coupling into the ADC1 analog stage. All ADC1 specifications are
given with respect to VSS3 unless otherwise noted.
Resolution
8-bits (256 values)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Monotonic
Yes
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output conversion mode
00h to FFh (00 for VI ≤ VSS3 ≤; FF for VI ≤ Vref)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Conversion time (excluding sample time)
164 tc
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
recommended operating conditions
MIN
NOM
MAX
UNIT
VCC3 Analog supply voltage
4.5
5
5.5
V
VCC3 Analog supply voltage
VCC1–0.3
VCC1+0.3
V
VSS3
Analog ground
VSS1–0.3
VSS1+0.3
V
Vref
Non-VCC3 reference†
2.5
VCC3
VCC3 + 0.1
V
Analog input for conversion
VSS3
Vref
V
† Vref must be stable, within ± 1/2 LSB of the required resolution, during the entire conversion time.
operating characteristics over recommended ranges operating conditions
PARAMETER
MIN
MAX
UNIT
Absolute accuracy‡
VCC3 = 5.5 V
Vref = 5.1 V
±1.5
LSB
Differential/integral linearity error‡§
VCC3 = 5.5 V
Vref = 5.1 V
±0.9
LSB
ICC3
Analog supply current
Converting
2
mA
ICC3
Analog supply current
Nonconverting
5
µA
II
Input current, AN0 – AN7
0 V
≤ VI ≤ 5.5 V
2
µA
Iref
Input charge current
1
mA
Z f
Source impedance of V f
SYSCLK
≤ 3 MHz
24
k
Ω
Zref
Source impedance of Vref
3 MHz < SYSCLK
≤ 5 MHz
10
k
Ω
‡ Absolute resolution = 20 mV. At Vref = 5 V, this is one LSB. As Vref decreases, LSB size decreases; therefore, the absolute accuracy and
differential/integral linearity errors in terms of LSBs increase.
§ Excluding quantization error of 1/2 LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com