Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS370 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 9Page - Texas Instruments TMS370 Datasheet HTML 10Page - Texas Instruments TMS370 Datasheet HTML 11Page - Texas Instruments TMS370 Datasheet HTML 12Page - Texas Instruments TMS370 Datasheet HTML 13Page - Texas Instruments TMS370 Datasheet HTML 14Page - Texas Instruments TMS370 Datasheet HTML 15Page - Texas Instruments TMS370 Datasheet HTML 16Page - Texas Instruments TMS370 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
TMS370Cx1x
8-BIT MICROCONTROLLER
SPNS012F – MAY 1987 – REVISED FEBRUARY 1997
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
interrupts (continued)
chains is performed within the peripheral modules to support interrupt expansion for future modules.
Pending-interrupts are serviced upon completion of current instruction execution, depending on their interrupt
mask and priority conditions.
The TMS370Cx1x has five hardware system interrupts (plus RESET) as shown in Table 9. Each system
interrupt has a dedicated vector located in program memory through which control is passed to the interrupt
service routines. A system interrupt may have multiple interrupt sources. All of the interrupt sources are
individually maskable by local interrupt enable control bits in the associated peripheral file. Each interrupt source
FLAG bit is individually readable for software polling or to determine which interrupt source generated the
associated system interrupt.
Two of the system interrupts are generated by on-chip peripheral functions, and three external interrupts are
supported. Software configuration of the external interrupts is performed through the INT1, INT2, and INT3
control registers in peripheral file frame 1. Each external interrupt is individually software configurable for input
polarity (rising or falling edge) for ease of system interface. External interrupt INT1 is software configurable as
either a maskable or non-maskable interrupt. When INT1 is configured as non-maskable, it cannot be masked
by the individual or global enable mask bits. The INT1 NMI bit is protected during non-privileged operation and,
therefore, should be configured during the initialization sequence following reset. To maximize pin flexibility,
external interrupts INT2 and INT3 can be software configured as general purpose input / output pins if the
interrupt function is not required (INT1 can be similarly configured as an input pin).
Table 9. Hardware System Interrupts
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM
INTERRUPT
VECTOR
ADDRESS
PRIORITY†
External RESET
Watchdog Overflow
Oscillator Fault Detect
COLD START
WD OVRFL INT FLAG
OSC FLT FLAG
RESET‡
7FFEh, 7FFFh
1
External INT1
INT1 FLAG
INT1‡
7FFCh, 7FFDh
2
External INT2
INT2 FLAG
INT2‡
7FFAh, 7FFBh
3
External INT3
INT3 FLAG
INT3‡
7FF8h, 7FF9h
4
SPI Receiver (Rx) / Transmitter (Tx) Data
Complete
SPI INT FLAG
SPIINT
7FF6h, 7FF7h
5
Timer 1 Overflow
Timer 1 Compare 1
Timer 1 Compare 2
Timer 1 External Edge
Timer 1 Input Capture 1
Watchdog Overflow
T1 OVRFL INT FLAG
T1C1 INT FLAG
T1C2 INT FLAG
T1EDGE INT FLAG
T1IC1 INT FLAG
WD OVRFL INT FLAG
T1INT§
7FF4h, 7FF5h
6
† Relative priority within an interrupt level
‡ Release microcontroller from STANDBY and HALT low-power modes
§ Release microcontroller from STANDBY low-power mode
privileged operation and EEPROM write protection override
The TMS370Cx1x family is designed with significant flexibility to enable the designer to software-configure the
system and peripherals to meet the requirements of a variety of applications. The nonprivileged mode of
operation ensures the integrity of the system configuration, once it is defined for an application. Following a
hardware reset, the TMS370Cx1x operates in the privileged mode, where all peripheral file registers have
unrestricted read / write access, and the application program configures the system during the initialization
sequence following reset. As the last step of system initialization, the PRIVILEGE DISABLE bit (SCCR2.0) is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com