Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS370 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 9Page - Texas Instruments TMS370 Datasheet HTML 10Page - Texas Instruments TMS370 Datasheet HTML 11Page - Texas Instruments TMS370 Datasheet HTML 12Page - Texas Instruments TMS370 Datasheet HTML 13Page - Texas Instruments TMS370 Datasheet HTML 14Page - Texas Instruments TMS370 Datasheet HTML 15Page - Texas Instruments TMS370 Datasheet HTML 16Page - Texas Instruments TMS370 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
TMS370Cx6x
8-BIT MICROCONTROLLER
SPNS033C – SEPTEMBER 1995 – REVISED FEBRUARY 1997
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
RAM / register file (RF)
Locations within RAM address space can serve as either register file or general-purpose read/write memory,
program memory, or stack instructions. The TMS370Cx67 and TMS370Cx68 devices contain 1K bytes of
internal RAM, mapped beginning at location 0000h and continuing through location 03FFh, which is shown in
Table 5 along with ’x69 devices.
Table 5. RAM Memory Map
‘x67 and ‘x68
‘x69
RAM Size
1K Bytes
3.5K Bytes
Memory Mapped
0000h – 03FFh
0000h – 0DFFh
The first 256 bytes of RAM (0000h – 00FFh) are register files, R0 through R255 (see Figure 1). The first two
registers, R0 and R1, are also called register A and B, respectively. Some instructions implicitly use register A
or B; for example, the instruction LDSP (load SP) assumes that the value to be loaded into the stack pointer
is contained in register B. Registers A and B are the only registers cleared on reset.
peripheral file (PF)
The TMS370Cx6x control registers contain all the registers necessary to operate the system and peripheral
modules on the device. The instruction set includes some instructions that access the PF directly. These
instructions designate the register by the number of the PF relative to 1000h, preceded by P0 for a hexadecimal
designator or by P for a decimal designator. For example, the system control register 0 (SCCR0) is located at
address 1010h; its peripheral file hexadecimal designator is P010, and its decimal designator is P16. Table 6
lists the TMS370Cx6x peripheral files.
Table 6. TMS370Cx6x Peripheral File Address Map
ADDRESS RANGE
PERIPHERAL FILE
DESIGNATOR
DESCRIPTION
1000h – 100Fh
P000 – P00F
Reserved for factory test
1010h – 101Fh
P010 – P01F
System and EEPROM/EPROM control registers
1020h – 102Fh
P020 – P02F
Digital I/O port control registers
1030h – 103Fh
P030 – P03F
Serial peripheral interface registers
1040h – 104Fh
P040 – P04F
Timer 1 registers
1050h – 105Fh
P050 – P05F
Serial communication interface 1 registers
1060h – 106Fh
P060 – P06F
Timer 2A registers
1070h – 107Fh
P070 – P07F
Analog-to-digital converter 1 registers
1080h – 108Fh
P080 – P08F
Timer 2B registers
1090h – 10BFh
P090 – P0BF
Reserved
10C0h – 10FFh
P0C0 – P0FF
External peripheral control
data EEPROM
The TMS370Cx6x devices contain 256 bytes of data EEPROM, and the memory is mapped beginning at
location 1F00h and continuing through location 1FFFh.
Writing to the data EEPROM module is controlled by the data-EEPROM control register (DEECTL) and the
write-protection register (WPR). Programming algorithm examples are available in the
TMS370 Family User’s
Guide (literature number SPNU127) or the TMS370 Data Manual (SPNS014B). The data EEPROM features
include the following:
D Programming:
–
Bit, byte, and block write/erase modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com