Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETE2201A Datasheet(PDF) 17 Page - Texas Instruments

Part # TNETE2201A
Description  1.25-GIGABIT ETHERNET TRANSCEIVER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TNETE2201A Datasheet(HTML) 17 Page - Texas Instruments

Back Button TNETE2201A Datasheet HTML 11Page - Texas Instruments TNETE2201A Datasheet HTML 12Page - Texas Instruments TNETE2201A Datasheet HTML 13Page - Texas Instruments TNETE2201A Datasheet HTML 14Page - Texas Instruments TNETE2201A Datasheet HTML 15Page - Texas Instruments TNETE2201A Datasheet HTML 16Page - Texas Instruments TNETE2201A Datasheet HTML 17Page - Texas Instruments TNETE2201A Datasheet HTML 18Page - Texas Instruments TNETE2201A Datasheet HTML 19Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
TNETE2201A
1.25-GIGABIT ETHERNET TRANSCEIVER
SLLS342 – MARCH 1999
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MECHANICAL INFORMATION
PHD (S-PQFP-G64)
PowerPAD
™ PLASTIC QUAD FLATPACK (DIE DOWN)
Gage Plane
32
17
(see Note D)
Thermal Pad
0,13 NOM
0,75
0,25
0,45
Seating Plane
4087742/A 12/97
0,40
33
48
0,30
49
64
16
SQ
SQ
1
14,05
16,15
15,85
13,95
12,00 TYP
0,95
1,05
1,20 MAX
0,80
M
0,20
0,10
0
°–7°
0,15
0,05
NOTES: A. All linear dimensions are in millimeters.
B. This drawing is subject to change without notice.
C. Body dimensions include mold flash or protrusions.
D. The package thermal performance may be enhanced by attaching an external heat sink to the thermal pad. This pad is electrically
and thermally connected to the backside of the die and possibly selected leads.
E. Falls within JEDEC MS-026
PowerPAD is a trademark of Texas Instruments Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com