Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS370 Datasheet(PDF) 13 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 9Page - Texas Instruments TMS370 Datasheet HTML 10Page - Texas Instruments TMS370 Datasheet HTML 11Page - Texas Instruments TMS370 Datasheet HTML 12Page - Texas Instruments TMS370 Datasheet HTML 13Page - Texas Instruments TMS370 Datasheet HTML 14Page - Texas Instruments TMS370 Datasheet HTML 15Page - Texas Instruments TMS370 Datasheet HTML 16Page - Texas Instruments TMS370 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 66 page
background image
TMS370Cx4x
8-BIT MICROCONTROLLER
SPNS016C – NOVEMBER 1992 – REVISED FEBRUARY 1997
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
interrupts
The TMS370 family software-programmable interrupt structure supports flexible on-chip and external interrupt
configurations to meet real-time interrupt-driven application requirements. The hardware interrupt structure
incorporates two priority levels as shown in Figure 4. Interrupt level 1 has a higher priority than interrupt
level 2. The two priority levels can be independently enabled by the global-interrupt enable bits (IE1 and IE2)
of the status register.
TIMER 2A
CPU
NMI
Logic
Enable
IE1
IE2
Level 1 INT
Level 2 INT
T2A PRI
Priority
Overflow
Compare1
Ext Edge
Compare2
Input Capture 1
Input Capture 2
EXT INT 3
INT3 PRI
INT 3
STATUS REG
EXT INT1
INT1 PRI
INT1
EXT INT 2
INT2 PRI
INT 2
AD INT
AD PRI
A/D
TIMER 1
T1 PRI
Overflow
Compare1
Ext Edge
Compare2
Input Capture 1
Watchdog
SCI INT
RX
BRKDT
RXRDY
TX
TXRDY
TXPRI
RXPRI
Figure 4. Interrupt Control
Each system interrupt is configured independently on either the high- or low-priority chain by the application
program during system initialization. Within each interrupt chain, the interrupt priority is fixed by the position of
the system interrupt. However, since each system interrupt is configured selectively on either the high- or
low-priority interrupt chain, the application program can elevate any system interrupt to the highest priority.
Arbitration between the two priority levels is performed within the CPU. Arbitration within each of the priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com