Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM40AL Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # PM40AL
Description  40 WATT MEDICAL POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

PM40AL Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  PM40AL Datasheet HTML 1Page - Tumbler Technologies + TRUMPower PM40AL Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MEDICAL GRADE
PM40AL SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Maximum
(1)(2)
Output #1
Output #2
Output #3
Output
Model
Vnom.
Imin.
Imax.
Tol.
Vnom.
Imin.
Imax.
Tol.
Vnom.
Imin.
Imax.
Tol.
Power
PM40-10AL
5V
0A
8.0A
2%
(N/A)
(N/A)
40W
PM40-12AL
12V
0A
3.5A
1%
(N/A)
(N/A)
40W
PM40-13AL
15V
0A
3.0A
1%
(N/A)
(N/A)
40W
PM40-14AL
24V
0A
2.0A
1%
(N/A)
(N/A)
40W
PM40-18AL
48V
0A
0.9A
1%
(N/A)
(N/A)
40W
PM40-23AL
+5V
0.5A
3.0A
3%
+12V
0.2A
2A
5%
(N/A)
40W
PM40-24AL
+5V
0.5A
3.0A
3%
+15V
0.2A
2A
5%
(N/A)
40W
PM40-25AL
+5V
0.5A
3.0A
3%
+24V
0.1A
1A
5%
(N/A)
40W
PM40-30AL
+5V
0.5A
3.0A
3%
+12V
0.2A
2A
5%
-5V
0.05A
0.3A
10%
40W
PM40-31AL
+5V
0.5A
3.0A
3%
+12V
0.2A
2A
5%
-12V
0.05A
0.3A
10%
40W
PM40-32AL
+5V
0.5A
3.0A
3%
+15V
0.2A
2A
5%
-15V
0.05A
0.3A
10%
40W
PM40-33AL
+5V
0.5A
3.0A
3%
+15V
0.2A
2A
5%
-12V
0.05A
0.3A
10%
40W
PM40-39AL
+5V
0.5A
3.0A
3%
+24V
0.1A
1A
5%
-12V
0.05A
0.3A
10%
40W
Notes:
(1) All multiple output models may be operated at no-load without damage.
At no-load, output voltage tolerance increases
to 10%
(2) Safety agency approvals are for the above listed models in PCB format.
To order a model with a metallic L-bracket or
box, change suffix “AL” to “BL” for L-bracket format or to “CL” for enclosed format (mechanical details shown in page
7-1), e.g. PM40-14BL.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector mates with Molex housing
09-50-3031 and Molex 2878 series crimp
terminal.
4.
Output connector mates with Molex housing
09-50-3061 and Molex 2878 series crimp
terminal.
5.
Weight: 230 grams (PCB format)
6.
It’s strongly recommended to connect the two
“*” marked mounting holes to system chassis
through metallic stand-offs.
This helps reduce
greatly output noise.
PIN CHART
PIN
MODEL
1
2
3
4
5
6
PM40-10AL
PM40-13AL
PM40-18AL
PM40-12AL
PM40-14AL
OUTPUT
#1
OUTPUT
#1
OUTPUT
#1
RETURN
RETURN
RETURN
PM40-23AL
PM40-25AL
PM40-24AL
OUTPUT
#2
OUTPUT
#1
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
N.C.
PM40-30AL
PM40-32AL
PM40-39AL
PM40-31AL
PM40-33AL
OUTPUT
#2
OUTPUT
#1
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#3
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● sales@trumpower.com ● www.TRUMPower.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com