Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS370 Datasheet(PDF) 2 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 2 Page - Texas Instruments

  TMS370 Datasheet HTML 1Page - Texas Instruments TMS370 Datasheet HTML 2Page - Texas Instruments TMS370 Datasheet HTML 3Page - Texas Instruments TMS370 Datasheet HTML 4Page - Texas Instruments TMS370 Datasheet HTML 5Page - Texas Instruments TMS370 Datasheet HTML 6Page - Texas Instruments TMS370 Datasheet HTML 7Page - Texas Instruments TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
TMS370CxCx
8-BIT MICROCONTROLLER
SPNS040B – NOVEMBER 1995 – REVISED FEBRUARY 1997
2
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Pin Descriptions
28 PINS
DIP and LCC
I/O†
DESCRIPTION
NAME
NO.
A0
A1
A2
A3
A4
A5
A6
A7
14
13
11
10
9
8
7
4
I/O
Port A is a general-purpose bidirectional I / O port.
D3/SYSCLK
D4
D6
D7
2
26
3
12
I/O
Port D is a general-purpose bidirectional I / O port. D3 is also configurable as SYSCLK.
INT1
15
I
External interrupt (non-maskable or maskable) / general-purpose input pin.
AN0 /E0
AN1 / E1
AN2 / E2
AN3 / E3
22
23
24
25
I
ADC2 module analog input (AN0 – AN3) or positive reference pins (AN1 – AN3).
Port E can be individually programmed as general-purpose input pins if not used as ADC2 analog input.
T1IC / CR
T1PWM
T1EVT
18
17
16
I/O
Timer1 input capture / counter reset input pin / general-purpose bidirectional pin.
Timer1 PWM output pin / general-purpose bidirectional pin.
Timer1 external event input pin / general-purpose bidirectional pin.
SCITXD
SCIRXD
21
20
I/O
SCI module transmit data output / general-purpose bidirectional pin. (See Note 1)
SCI module receive data input pin / general-purpose bidirectional pin.
RESET
27
I/O
System reset bidirectional pin; as input pin, RESET initializes the microcontroller; as open-drain output,
RESET indicates that an internal failure was detected by watchdog or oscillator fault circuit.
MC
19
I
Mode control input pin; programming EPROM when VPP is applied to MC pin.
XTAL2 / CLKIN
XTAL1
5
6
I
O
Internal oscillator crystal input / External clock source input.
Internal oscillator output for crystal.
VCC
1
Positive supply voltage
VSS
28
Ground reference
† I = input, O = output
NOTE 1: The two SCI configuration pins are referenced to as SCI2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com