Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R2000FPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # R2000FPT
Description  SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

R2000FPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  R2000FPT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. R2000FPT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( R1200FPT THRU R2000FPT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
AMBIENT TEMPERATURE, (
oC )
NUMBER OF CYCLES AT 60HZ
500
30
50
40
20
10
0
400
200
300
100
0
0
25
50
75
100
125
150
175
200
0
2
4
6
8 10
20
40
60 80 100
Single
Half Wave 60HZ
Resistive or
Inductive Load
R1
20
0FPT~R1800FPT
R2000
FPT
8.3 ms Single Half
Sine-Wave (JEDEC Method)
FIG. 3 - TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
NONINDUCTIVE
NONINDUCTIVE
D.U.T
( + )
25 Vdc
(approx)
( - )
1
NON-
INDUCTIVE
OSCILLOSCOPE
(NOTE 1)
PULSE
GENERATOR
(NOTE 2)
( - )
( + )
NOTES: 1. Rise Time = 7 ns max. Input Impedance =
1 megohm. 22 pF.
2. Rise Time = 10 ns max. Source Impedlance=
50 ohms.
+0.5A
0
-0.25A
-1.0A
trr
1cm
SET TIME BASE FOR
50/100 nS/cm
50
10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com