Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3057B Datasheet(PDF) 1 Page - Texas Instruments

Part # TP3057B
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP3057B Datasheet(HTML) 1 Page - Texas Instruments

  TP3057B Datasheet HTML 1Page - Texas Instruments TP3057B Datasheet HTML 2Page - Texas Instruments TP3057B Datasheet HTML 3Page - Texas Instruments TP3057B Datasheet HTML 4Page - Texas Instruments TP3057B Datasheet HTML 5Page - Texas Instruments TP3057B Datasheet HTML 6Page - Texas Instruments TP3057B Datasheet HTML 7Page - Texas Instruments TP3057B Datasheet HTML 8Page - Texas Instruments TP3057B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
TP3054B, TP3057B, TP13054B, TP13057B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS042A – MAY 1990 – REVISED JULY 1996
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Complete PCM Codec and Filtering
Systems Includes:
– Transmit High-Pass and Low-Pass
Filtering
– Receive Low-Pass Filter With (sin x)/x
Correction
– Active RC Noise Filters
–
µ-Law or A-Law Compatible Coder and
Decoder
– Internal Precision Voltage Reference
– Serial I/O Interface
– Internal Autozero Circuitry
D µ-Law – TP3054B and TP13054B
D A-Law – TP3057B and TP13057B
D ±5-V Operation
D Low Operating Power...50 mW Typ
D Power-Down Standby Mode...3 mW Typ
D Automatic Power Down
D TTL- or CMOS-Compatible Digital Interface
D Maximizes Line Interface Card Circuit
Density
D Improved Versions of National
Semiconductor TP3054, TP3057, TP3054-X,
TP3057-X
description
The
TP3054B,
TP3057B,
TP13054B,
and
TP13057B are comprised of a single-chip PCM
codec (pulse-code-modulated encoder and de-
coder) and PCM line filter. These devices provide
all the functions required to interface a full-duplex
(2-wire) voice telephone circuit with a TDM
(time-division-multiplexed) system. These de-
vices are pin-for-pin compatible with the National
Semiconductor TP3054B and TP3057B, respec-
tively. Primary applications include:
• Line interface for digital transmission and
switching of T1 carrier, PABX, and central
office telephone systems
• Subscriber line concentrators
• Digital-encryption systems
• Digital voice-band data-storage systems
• Digital signal processing
These devices are designed to perform the transmit encoding (A/D conversion) and receive decoding (D/A
conversion) as well as the transmit and receive filtering functions in a PCM system. They are intended to be
used at the analog termination of a PCM line or trunk. The devices require two transmit and receive master
clocks that may be asynchronous (1.536 MHz, 1.544 MHz, or 2.048 MHz), transmit and receive data clocks that
are synchronous with the master clock (but can vary from 64 kHz to 2.048 MHz), and transmit and receive
frame-sync pulses. The TP3054B, TP3057B, TP13054B, and TP13057B provide the band-pass filtering of the
analog signals prior to encoding and after decoding of voice and call progress tones. The TP3054B and
TP13054B contain patented circuitry to achieve low transmit channel idle noise and are not recommended for
applications in which the composite signals on the transmit side are below – 55 dBm0.
The TP3054B and TP3057B are characterized for operation from 0
°C to 70°C. The TP13054B and TP13057B
are characterized for operation from – 40
°C to 85°C.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the CMOS gates.
Copyright
© 1996, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
VBB
ANLG GND
VFRO
VCC
FSR
DR
BCLKR/CLKSEL
MCLKR/PDN
VFXI +
VFXI –
GSX
TSX
FSX
DX
BCLKX
MCLKX
DW OR N PACKAGE
(TOP VIEW)


Similar Part No. - TP3057B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP3057B TI1-TP3057B Datasheet
250Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results

Similar Description - TP3057B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
COMBINED SINGLE CHIP PCM CODEC AND FILTER
Dec-1993
logo
Texas Instruments
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com