Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3064ADW Datasheet(PDF) 12 Page - Texas Instruments

Part # TP3064ADW
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP3064ADW Datasheet(HTML) 12 Page - Texas Instruments

Back Button TP3064ADW Datasheet HTML 8Page - Texas Instruments TP3064ADW Datasheet HTML 9Page - Texas Instruments TP3064ADW Datasheet HTML 10Page - Texas Instruments TP3064ADW Datasheet HTML 11Page - Texas Instruments TP3064ADW Datasheet HTML 12Page - Texas Instruments TP3064ADW Datasheet HTML 13Page - Texas Instruments TP3064ADW Datasheet HTML 14Page - Texas Instruments TP3064ADW Datasheet HTML 15Page - Texas Instruments TP3064ADW Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
TP3064A, TP3067A, TP13064A, TP13067A
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS025C – SEPTEMBER 1992 –REVISED JULY 1996
12
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1
8
7
6
5
4
3
2
8
7
6
5
4
3
2
1
8
7
6
5
4
3
2
1
th2
th4
tsu4
th3
th3
tsu3
8
7
6
5
4
3
2
1
BCLKR
FSR
DR
FSX
DX
td3
td1
th4
tsu4
th2
BCLKX
MCLKX
MCLKR
tw1
tsu1
fclock(M)
tw2
tf1
tr1
td3
td2
TSX
80%
80%
80%
20%
20%
80%
80%
20%
80%
80%
80%
20%
20%
20%
20%
80%
20%
20%
20%
20%
20%
80%
Figure 1. Short-Frame Sync Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com