Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA0102 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0102
Description  1.5-W STEREO AUDIO POWER AMPLIFIER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0102 Datasheet(HTML) 1 Page - Texas Instruments

  TPA0102 Datasheet HTML 1Page - Texas Instruments TPA0102 Datasheet HTML 2Page - Texas Instruments TPA0102 Datasheet HTML 3Page - Texas Instruments TPA0102 Datasheet HTML 4Page - Texas Instruments TPA0102 Datasheet HTML 5Page - Texas Instruments TPA0102 Datasheet HTML 6Page - Texas Instruments TPA0102 Datasheet HTML 7Page - Texas Instruments TPA0102 Datasheet HTML 8Page - Texas Instruments TPA0102 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TPA0102
1.5-W STEREO AUDIO POWER AMPLIFIER
SLOS166E – MARCH 1997 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D High Power with PC Power Supply
– 1.5 W/Ch at 5 V
– 600 mW/Ch at 3 V
D Ultra-Low Distortion
< 0.05% THD+N at 1.5 W and 4-
Ω Load
D Bridge-Tied Load (BTL) or Single Ended
(SE) Modes
D Stereo Input MUX
D Surface-Mount Power Package
24-Pin TSSOP PowerPAD
™
D Shutdown Control ...IDD < 10 µA
CB
CS
Right
MUX
RLINEIN
RHPIN
Left
MUX
LHPIN
LLINEIN
Bias, Mute,
Shutdown,
and SE/BTL
MUX Control
+
–
+
–
RBYPASS
MUTE IN
MUTE OUT
SHUTDOWN
LBYPASS
ROUT+
ROUT –
RVDD
LVDD
LOUT+
LOUT –
SE/BTL
HP/LINE
CIR
RIR
RFR
CFR
System
Control
CIL
RIL
NC
NC
4
5
6
8
9
11
19
20
21
RFL
CFL
100 k
Ω
100 k
Ω
VDD
VDD
COUTR
COUTL
10
3
16
7
14
18
15
22
1 k
Ω
0.1
µF
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND/HS
NC
LOUT+
LLINEIN
LHPIN
LBYPASS
LVDD
SHUTDOWN
MUTE OUT
LOUT–
MUTE IN
GND/HS
GND/HS
NC
ROUT+
RLINEIN
RHPIN
RBYPASS
RVDD
NC
HP/LINE
ROUT–
SE/BTL
GND/HS
PWP PACKAGE
(TOP VIEW)
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerPAD is a trademark of Texas Instruments Incorporated.


Similar Part No. - TPA0102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0102 TI1-TPA0102 Datasheet
1Mb / 45P
1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0102PWP TI1-TPA0102PWP Datasheet
1Mb / 45P
1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0102PWPG4 TI1-TPA0102PWPG4 Datasheet
1Mb / 45P
1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0102PWPLE TI1-TPA0102PWPLE Datasheet
1Mb / 45P
1.5-W STEREO AUDIO POWER AMPLIFIER
TPA0102PWPR TI1-TPA0102PWPR Datasheet
1Mb / 45P
1.5-W STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA0102

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
2-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
6-W STEREO AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4853 NSC-LM4853 Datasheet
869Kb / 17P
Mono 1.5 W / Stereo 300mW Power Amplifier
LM4858 NSC-LM4858 Datasheet
683Kb / 17P
Mono 1.5 W / Stereo 300mW Power Amplifier
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA1517 TI-TPA1517_07 Datasheet
455Kb / 20P
6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
6-W STEREO AUDIO POWER AMPLIFIER
LM4853 TI1-LM4853 Datasheet
1Mb / 25P
Mono 1.5 W / Stereo 300mW Power Amplifier
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
1.5-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
6-W STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com