Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCM310PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # SCM310PT
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

SCM310PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  SCM310PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. SCM310PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( SCM37PT THRU SCM310PT )
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2 - INSTANTANEOUS FORWARD CURRENT, (A)
FIG. 4 - MAXIMUM NON-REPETIVE FORWARD
SURGE CURRENT
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
INSTANTANEOUS REVERSE VOLTAGE, (V)
LEAD TEMPERATURE, (
oC )
INSTANTANEOUS FORWARD VOLTAGE,(V)
3.0
20
10
1.0
0.1
2.0
2.5
1.5
1.0
0.5
0
.05
.10
.2
.5
2
5
1
10
20
50
.02
5
10
100
1000
0
.1
.4
1.0
4
10
40
80
5
10
15
20
25
30
50
70
60
80
100
90
110
130
120
150
140
160
P.C.B. MOUNTED on
0.55 x 0.55" (14 x 14mm)
COPPER PAD AREAS
RESISTIVE OR
INDUCTIVE LOAD
TJ =25
oC
TJ = 100
o C
TJ = 25
o C
NUMBER OF CYCLES AT 60 Hz
0
20
40
60
80
100
120
.2
.3
.5
.4
.7
.6
.8
1.1
1.0
.9
TJ =25
oC
Pulse Width=300us
1% Duty Cycle
100
1
2
5
10
20
50
8.3ms Single Half Sine-Wave
(JEDEC Method)
SCM39PT~SCM310PT
SCM37PT~SCM37PT
TJ = 125
o C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com