Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3057BN Datasheet(PDF) 2 Page - Texas Instruments

Part # TP3057BN
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP3057BN Datasheet(HTML) 2 Page - Texas Instruments

  TP3057BN Datasheet HTML 1Page - Texas Instruments TP3057BN Datasheet HTML 2Page - Texas Instruments TP3057BN Datasheet HTML 3Page - Texas Instruments TP3057BN Datasheet HTML 4Page - Texas Instruments TP3057BN Datasheet HTML 5Page - Texas Instruments TP3057BN Datasheet HTML 6Page - Texas Instruments TP3057BN Datasheet HTML 7Page - Texas Instruments TP3057BN Datasheet HTML 8Page - Texas Instruments TP3057BN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TP3054B, TP3057B, TP13054B, TP13057B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS042A – MAY 1990 – REVISED JULY 1996
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
R2
GSX
14
VBB ANLG GND
VCC
41
2
–5 V
FSX
5 V
9
8
10
7
12
5
MCLKX
MCLKR/
PDN
BCLKX BCLKR/
CLKSEL
FSR
TSX
13
Power
Amplifier
Timing and Control
DR
6
CLK
Receive
Regulator
S/H
DAC
RC Active
Filter
11
DX
OE
Transmit
Regulator
A/D
Control
Logic
Comparator
Voltage
Reference
Autozero
Logic
S/H
DAC
Switched-
Capacitor
Band-Pass Filter
RC
Active Filter
3
VFRO
+
–
VFXI +
16
R1
15
VFXI –
Analog
Input
Switched-
Capacitor
Low-Pass Filter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com