Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA0132 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPA0132
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0132 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA0132 Datasheet HTML 17Page - Texas Instruments TPA0132 Datasheet HTML 18Page - Texas Instruments TPA0132 Datasheet HTML 19Page - Texas Instruments TPA0132 Datasheet HTML 20Page - Texas Instruments TPA0132 Datasheet HTML 21Page - Texas Instruments TPA0132 Datasheet HTML 22Page - Texas Instruments TPA0132 Datasheet HTML 23Page - Texas Instruments TPA0132 Datasheet HTML 24Page - Texas Instruments TPA0132 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
TPA0132
2-W STEREO AUDIO POWER AMPLIFIER
WITH DC VOLUME CONTROL
SLOS223B – MAY 1999 – REVISED MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
In a typical computer sound channel operating at 5 V, bridging raises the power into an 8-
Ω speaker from a
singled-ended (SE, ground reference) limit of 250 mW to 1 W. In sound power that is a 6-dB improvement —
which is loudness that can be heard. In addition to increased power there are frequency response concerns.
Consider the single-supply SE configuration shown in Figure 33. A coupling capacitor is required to block the
dc offset voltage from reaching the load. These capacitors can be quite large (approximately 33
µF to 1000 µF)
so they tend to be expensive, heavy, occupy valuable PCB area, and have the additional drawback of limiting
low-frequency performance of the system. This frequency limiting effect is due to the high pass filter network
created with the speaker impedance and the coupling capacitance and is calculated with equation 6.
f
(c) +
1
2
pR
L CC
(6)
For example, a 68-
µF capacitor with an 8-Ω speaker would attenuate low frequencies below 293 Hz. The BTL
configuration cancels the dc offsets, which eliminates the need for the blocking capacitors. Low-frequency
performance is then limited only by the input network and speaker response. Cost and PCB space are also
minimized by eliminating the bulky coupling capacitor.
RL
CC
VO(PP)
VO(PP)
VDD
–3 dB
fc
Figure 33. Single-Ended Configuration and Frequency Response
Increasing power to the load does carry a penalty of increased internal power dissipation. The increased
dissipation is understandable considering that the BTL configuration produces 4
× the output power of the SE
configuration. Internal dissipation versus output power is discussed further in the
crest factor and thermal
considerations section.
single-ended operation
In SE mode (see Figure 32 and Figure 33), the load is driven from the primary amplifier output for each channel
(OUT+, terminals 21 and 4).
The amplifier switches single-ended operation when the SE/BTL terminal is held high. This puts the negative
outputs in a high-impedance state, and reduces the amplifier’s gain to 1 V/V.
BTL amplifier efficiency
Class-AB amplifiers are notoriously inefficient. The primary cause of these inefficiencies is voltage drop across
the output stage transistors. There are two components of the internal voltage drop. One is the headroom or
dc voltage drop that varies inversely to output power. The second component is due to the sinewave nature of
the output. The total voltage drop can be calculated by subtracting the RMS value of the output voltage from
VDD. The internal voltage drop multiplied by the RMS value of the supply current, IDDrms, determines the internal
power dissipation of the amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com