Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP3067BN Datasheet(PDF) 2 Page - Texas Instruments

Part # TP3067BN
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP3067BN Datasheet(HTML) 2 Page - Texas Instruments

  TP3067BN Datasheet HTML 1Page - Texas Instruments TP3067BN Datasheet HTML 2Page - Texas Instruments TP3067BN Datasheet HTML 3Page - Texas Instruments TP3067BN Datasheet HTML 4Page - Texas Instruments TP3067BN Datasheet HTML 5Page - Texas Instruments TP3067BN Datasheet HTML 6Page - Texas Instruments TP3067BN Datasheet HTML 7Page - Texas Instruments TP3067BN Datasheet HTML 8Page - Texas Instruments TP3067BN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TP3064B, TP3067B, TP13064B, TP13067B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS031D – MAY 1990 –REVISED JULY 1996
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
The TP3064B and TP3067B are characterized for operation from 0
°C to 70°C. The TP13064B and TP13067B
are characterized for operation from – 40
°C to 85°C.
functional block diagram
R2
16
FSX
11
10
12
9
14
7
MCLKX
MCLKR/
PDN
BCLKX BCLKR/
CLKSEL
FSR
TSX
15
Timing and Control
DR
8
CLK
Receive
Regulator
S/H
DAC
RC Active
Filter
13
DX
OE
Transmit
Regulator
A/D
Control
Logic
Comparator
Voltage
Reference
Autozero
Logic
S/H
DAC
Switched-
Capacitor
Band-Pass Filter
RC
Active Filter
3
VPO –
+
–
VFXI +
19
R1
18
VFXI –
Analog
Input
Switched-
Capacitor
Low-Pass Filter
VPO+
1
R
R3
R4
R
4
VPI
5 VFRO
ANLG
LOOP
GSX
17
+
–
+
–
VBB ANLG GND
VCC
620
2
–5 V
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com