Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA0152 Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0152
Description  2-W STEREO AUDIO POWER AMPLIFIER WITH DIGITAL VOLUME CONTROL
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0152 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA0152 Datasheet HTML 17Page - Texas Instruments TPA0152 Datasheet HTML 18Page - Texas Instruments TPA0152 Datasheet HTML 19Page - Texas Instruments TPA0152 Datasheet HTML 20Page - Texas Instruments TPA0152 Datasheet HTML 21Page - Texas Instruments TPA0152 Datasheet HTML 22Page - Texas Instruments TPA0152 Datasheet HTML 23Page - Texas Instruments TPA0152 Datasheet HTML 24Page - Texas Instruments TPA0152 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
TPA0152
2-W STEREO AUDIO POWER AMPLIFIER
WITH DIGITAL VOLUME CONTROL
SLOS246B – JUNE 1999 – REVISED MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Increasing power to the load does carry a penalty of increased internal power dissipation. The increased
dissipation is understandable considering that the BTL configuration produces 4
× the output power of the SE
configuration. Internal dissipation versus output power is discussed further in the crest factor section.
single-ended operation
In SE mode (see Figure 32 and Figure 33), the load is driven from the primary amplifier output for each channel
(OUT+, terminals 21 and 4).
The amplifier switches single-ended operation when the SE/BTL terminal is held high. This puts the negative
outputs in a high-impedance state, and reduces the amplifier’s gain to 1 V/V.
BTL amplifier efficiency
Class-AB amplifiers are notoriously inefficient. The primary cause of these inefficiencies is voltage drop across
the output stage transistors. There are two components of the internal voltage drop. One is the headroom or
dc voltage drop that varies inversely to output power. The second component is due to the sinewave nature of
the output. The total voltage drop can be calculated by subtracting the RMS value of the output voltage from
VDD. The internal voltage drop multiplied by the RMS value of the supply current, IDDrms, determines the internal
power dissipation of the amplifier.
An easy-to-use equation to calculate efficiency starts out as being equal to the ratio of power from the power
supply to the power delivered to the load. To accurately calculate the RMS and average values of power in the
load and in the amplifier, the current and voltage waveform shapes must first be understood (see Figure 34).
V(LRMS)
VO
IDD
IDD(avg)
Figure 34. Voltage and Current Waveforms for BTL Amplifiers
Although the voltages and currents for SE and BTL are sinusoidal in the load, currents from the supply are very
different between SE and BTL configurations. In an SE application the current waveform is a half-wave rectified
shape whereas in BTL it is a full-wave rectified waveform. This means RMS conversion factors are different.
Keep in mind that for most of the waveform both the push and pull transistors are not on at the same time, which
supports the fact that each amplifier in the BTL device only draws current from the supply for half the waveform.
The following equations are the basis for calculating amplifier efficiency.
Efficiency of a BTL amplifier
+
P
L
P
SUP
(7)
Where:
P
L +
V
L
rms2
R
L
, and V
LRMS +
V
P
2
, therefore, P
L +
V
P
2
2R
L
and
P
SUP +
V
DD
I
DD
avg and IDDavg +
1
p
p
0
V
P
R
L
sin(t) dt
+ 1p
V
P
R
L
[cos(t)]
p
0 +
2V
P
p R
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com