Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA0202 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0202
Description  2-W STEREO AUDIO POWER AMPLIFIER
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0202 Datasheet(HTML) 1 Page - Texas Instruments

  TPA0202 Datasheet HTML 1Page - Texas Instruments TPA0202 Datasheet HTML 2Page - Texas Instruments TPA0202 Datasheet HTML 3Page - Texas Instruments TPA0202 Datasheet HTML 4Page - Texas Instruments TPA0202 Datasheet HTML 5Page - Texas Instruments TPA0202 Datasheet HTML 6Page - Texas Instruments TPA0202 Datasheet HTML 7Page - Texas Instruments TPA0202 Datasheet HTML 8Page - Texas Instruments TPA0202 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TPA0202
2-W STEREO AUDIO POWER AMPLIFIER
SLOS205A – FEBRUARY 1998 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Integrated Depop Circuitry
D High Power with PC Power Supply
– 2 W/Ch at 5 V into a 3-
Ω Load
– 800 mW/Ch at 3 V
D Fully Specified for Use With 3-Ω Loads
D Ultra-Low Distortion
– 0.05% THD+N at 2 W and 3-
Ω Load
D Bridge-Tied Load (BTL) or Single-Ended
(SE) Modes
D Stereo Input MUX
D Surface-Mount Power Package
24-Pin TSSOP PowerPAD
™
D Shutdown Control ...IDD = 5 µA
CB
CS
Right
MUX
RLINEIN
RHPIN
Left
MUX
LHPIN
LLINEIN
Bias, Mute,
Shutdown,
and SE/BTL
MUX Control
+
–
+
–
RBYPASS
MUTE IN
MUTE OUT
SHUTDOWN
LBYPASS
ROUT+
ROUT –
RVDD
LVDD
LOUT+
LOUT –
SE/BTL
HP/LINE
CIR
RIR
RFR
CFR
System
Control
CIL
RIL
NC
NC
4
5
6
8
9
11
19
20
21
RFL
CFL
100 k
Ω
100 k
Ω
VDD
VDD
COUTR
COUTL
10
3
16
7
14
18
15
22
1 k
Ω
1 k
Ω
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
GND/HS
TJ
LOUT+
LLINEIN
LHPIN
LBYPASS
LVDD
SHUTDOWN
MUTE OUT
LOUT–
MUTE IN
GND/HS
GND/HS
NC
ROUT+
RLINEIN
RHPIN
RBYPASS
RVDD
NC
HP/LINE
ROUT–
SE/BTL
GND/HS
PWP PACKAGE
(TOP VIEW)
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerPAD is a trademark of Texas Instruments Incorporated.


Similar Part No. - TPA0202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0202 TI1-TPA0202 Datasheet
1Mb / 49P
2-W STEREO AUDIO POWER AMPLIFIER
TPA0202PWP TI1-TPA0202PWP Datasheet
1Mb / 49P
2-W STEREO AUDIO POWER AMPLIFIER
TPA0202PWPG4 TI1-TPA0202PWPG4 Datasheet
1Mb / 49P
2-W STEREO AUDIO POWER AMPLIFIER
TPA0202PWPR TI1-TPA0202PWPR Datasheet
1Mb / 49P
2-W STEREO AUDIO POWER AMPLIFIER
TPA0202 TI1-TPA0202_16 Datasheet
1Mb / 49P
2-W STEREO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA0202

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA005D02 TI-TPA005D02 Datasheet
381Kb / 25P
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA005D14 TI-TPA005D14 Datasheet
420Kb / 29P
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
Stereo 2-W Audio Power Amplifier
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
Stereo 2-W Audio Power Amplifier
logo
Eutech Microelectronics...
EUA5202 EUTECH-EUA5202 Datasheet
680Kb / 23P
2-W Stereo Audio Power Amplifier with Mute
logo
Unisonic Technologies
PA0202 UTC-PA0202 Datasheet
230Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
PA3202 UTC-PA3202_15 Datasheet
351Kb / 11P
2-W STEREO AUDIO POWER AMPLIFIER WITH MUTE
logo
Texas Instruments
TPA005D02 TI1-TPA005D02_10 Datasheet
379Kb / 25P
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0172 TI1-TPA0172_16 Datasheet
964Kb / 37P
2-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0202 TI1-TPA0202_16 Datasheet
1Mb / 49P
2-W STEREO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com