Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA0211 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0211
Description  2-W MONO AUDIO POWER AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0211 Datasheet(HTML) 1 Page - Texas Instruments

  TPA0211 Datasheet HTML 1Page - Texas Instruments TPA0211 Datasheet HTML 2Page - Texas Instruments TPA0211 Datasheet HTML 3Page - Texas Instruments TPA0211 Datasheet HTML 4Page - Texas Instruments TPA0211 Datasheet HTML 5Page - Texas Instruments TPA0211 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TPA0211
2-W MONO AUDIO POWER AMPLIFIER
SLOS275B – JANUARY 2000 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Ideal for Wireless Communicators,
Notebook PCs, PDAs, and Other Small
Portable Audio Devices
D 2 W Into 4-Ω From 5-V Supply
D 0.6 W Into 4-Ω From 3-V Supply
D Wide Power Supply Compatibility
3 V to 5 V
D Low Supply Current
– 4 mA Typical at 5 V
– 4 mA Typical at 3 V
D Shutdown Control ... 1 µA Typical
D Shutdown Pin is TTL Compatible
D –40°C to 85°C Operating Temperature
Range
D Space-Saving, Thermally-Enhanced MSOP
Packaging
description
The TPA0211 is a 2-W mono bridge-tied-load (BTL) amplifier designed to drive speakers with as low as 4-
Ω
impedance. The device is ideal for use in small wireless communicators, notebook PCs, PDAs, anyplace a
mono speaker and stereo head phones are required. From a 5-V supply, the TPA0211 can delivery 2-W of power
into a 4-
Ω speaker.
The gain of the input stage is set by the user-selected input resistor and a 50-k
Ω internal feedback resistor
(AV = – RF/ RI). The power stage is internally configured with a gain of –1.25 V/V in SE mode, and –2.5 V/V in
BTL mode. Thus, the overall gain of the amplifier is 62.5 k
Ω/ RI in SE mode and 125 kΩ/ RI in BTL mode. The
input terminals are high-impedance CMOS inputs, and can be used as summing nodes.
The TPA0211 is available in the 8-pin thermally-enhanced MSOP package (DGN) and operates over an ambient
temperature range of –40
°C to 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
IN
SHUTDOWN
VDD
BYPASS
VO–
GND
SE/BTL
VO+
DGN PACKAGE
(TOP VIEW)
PowerPAD is a trademark of Texas Instruments Incorporated.


Similar Part No. - TPA0211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
746Kb / 26P
2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGN TI-TPA0211DGN Datasheet
746Kb / 26P
2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGN TI1-TPA0211DGN Datasheet
906Kb / 27P
2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNG4 TI-TPA0211DGNG4 Datasheet
746Kb / 26P
2-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNG4 TI1-TPA0211DGNG4 Datasheet
906Kb / 27P
2-W MONO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA0211

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4860 TI-TPA4860 Datasheet
430Kb / 25P
1-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
2-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
1-W MONO AUDIO POWER AMPLIFIER
TPA0211DGNRG4 TI1-TPA0211DGNRG4 Datasheet
906Kb / 27P
2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
2-W MONO AUDIO POWER AMPLIFIER
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
1-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com