Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM41 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TM41
Description  30-40 WATT MEDICAL POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM41 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TM41 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM41 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MEDICAL GRADE
TM41 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Output
Maximum
Product No.
Vnom.
Imin.
Imax.
Tol.
Output Power
TM41-5.1
5.1V
0A
6.0A
2%
30W
TM41-12
12V
0A
3.3A
2%
40W
TM41-15
15V
0A
2.7A
2%
40W
TM41-18
18V
0A
2.3A
2%
40W
TM41-24
24V
0A
1.7A
2%
40W
TM41-28
28V
0A
1.4A
2%
40W
NOTES:
Ripple and noise: Peak-to-peak with 20MHz bandwidth and 10µF in parallel with a 0.1µF capacitor at rated line voltage and load ranges.
MECHAN I C A L SPECIFI CATI ONS
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.03 [0.76] maximum
3.
Input connector mates with Molex housing 09-50-3031 and
Molex 2878 series crimp terminal.
4.
Output connector mates with Molex housing 09-50-3040 and
Molex 2878 series crimp terminal.
5.
Weight: 190 grams (PCB format)
PIN CHART
Single Output Models
1
2
3
4
TM41-5.1
TM41-18
TM41-12
TM41-24
TM41-15
TM41-28
OUTPUT
OUTPUT
RETURN
RETURN
PIN
Product No.
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com