Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM66 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TM66
Description  65 WATT MEDICAL POWER SUPPLIES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM66 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TM66 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM66 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MEDICAL GRADE
TM66 SERIES
OUTPUT VOLTAGE/ CURRENT RATING CHART
Maximum
Output #1
Output #2
Output #3
Output
Product No.
Vnom.
Imin.
Imax.
Tol.
Vnom.
Imin. Imax.
Tol.
Vnom.
Imin.
Imax.
Tol.
Power
TM66-5.1
5.1V
0A
10A
3%
(N/A)
(N/A)
51W
TM66-12
12V
0A
5.5A
2%
(N/A)
(N/A)
65W
TM66-15
15V
0A
4.4A
2%
(N/A)
(N/A)
65W
TM66-18
18V
0A
3.7A
2%
(N/A)
(N/A)
65W
TM66-24
24V
0A
2.8A
2%
(N/A)
(N/A)
65W
TM66-28
28V
0A
2.4A
2%
(N/A)
(N/A)
65W
NOTE:
Ripple and noise: Peak-to-peak with 20MHz bandwidth and 10µF tantalum capacitor in parallel with a 0.1µF ceramic capacitor at rated
line voltage and load ranges.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector mates with Molex housing
09-50-3031 and Molex 2878 series crimp
terminal.
4.
Output connector mates with Molex housing
09-50-3061 and Molex 2878 series crimp
terminal.
5.
P4 is for ±sense connections and mates with
Molex housing 22-01-1023 and Molex 40445
series crimp terminal.
6.
Weight: 330 grams (PCB format)
7.
VR1 is for output voltage adjustment.
P1
P2
P3
P4
1
3
1
1
2
3
4
5
6
1
2
TM66-5.1
TM66-15
TM66-24
TM66-12
TM66-18
TM66-28
AC LIVE
AC
NEUTRAL
AC
GROUND
OUTPUT
#1
OUTPUT
#1
OUTPUT
#1
RETURN RETURN RETURN
+SENSE
-SENSE
Product No.
PIN
CONN
PIN CHART
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com