Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP55 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TMP55
Description  55 WATT MEDICAL POWER ADAPTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP55 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TMP55 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP55 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRUMPower
55 WATT MEDICAL POWER ADAPTERS
DESCRI PTI O N
The TMP55 series consists of 15 standard
desktop AC/DC switching power adapters with
40 to 55 watts of continuous output power. The
units are enclosed in a 94V-1 rated plastic case
with
an
IEC
320
inlet
to
mate
with
interchangeable cord for world-wide use. An
on/off switch can be added at customer’s
request. All models meet CISPR 11 and FCC
class B emission limits, and are designed for
medical applications.
FEAT URES
‧ 15 standard desktop models
‧ Single, dual or triple outputs
‧ Optional output connectors
‧ Optional on/off sw itch
‧ 100% burn-in
‧ Wide input range 85 to 264VAC
‧ Input
surge current protection
‧ Ov erv o ltage protection
‧ Ov ercurrent protection
INPUT SPECIFICAT IONS
Input v o lt age :
85 to 264 VA C
Input frequency :
47 to 63 Hz
Input current :
1.50A (rms) for 115 VA C
0.90A (rms) for 230VAC
Leakage current : 90µA max. @ 115VAC, 60Hz
150µA max. @ 230VAC, 50Hz
TMP55 SERIES
Safety Standard Approvals :
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Total output power:
55 watts maximum
Ripple and noise:
1% peak to peak maximum
Overvoltage protection:
Provided on output #1 only;
set at 112-132% of its
nominal output voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient: All outputs ±0.04%/ºC
maximum
Transient response:
Maximum excursion of 4% or
better on all models,
recovering to 1% of final
value within 500µs after a
25% step load change
ENVIRONMENTA L SPECIFICAT IONS
Operating te mperature:
S t orage temperature :
Relativ e humidity :
Derating:
0ºC to +70ºC
-40ºC to +85ºC
5% to 95%
non-condensing
Derate from 100% at +50ºC
linearly to 50% at +70ºC
GENERAL SPECIFICATIONS
Switching frequency: 40KHz ±5KHz
Efficiency:
70% minimum on single
output models with Vo
≥10V,
65% minimum on the others
Hold-up time:
10 msec minimum at 110VAC
Line regulation:
±0.5% maximum at full load
Inrush current:
15 amps @ 115VAC, or 30 amps
@230VAC, at 25ºC cold start
Withstand voltage:
4000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
450,000 hours minimum at full load at
25ºC ambient, calculated per
MIL-HDBK-217F
EMC performance (EN60601-1-2: 2001)
EN55011:
Class B conducted, Class B radiated
FCC:
Class B conducted, Class B radiated
VCCI:
Class B conducted, Class B radiated
EN61000-3-2:
Harmonic distortion, Class A
EN61000-3-3:
Line flicker
EN61000-4-2:
ESD, ±8KV air and ±6KV contact
EN61000-4-3:
Radiated immunity, 3V/m for 80~2500MHz
EN61000-4-4:
Fast transient/burst, ±2KV
EN61000-4-5:
Surge, ±1KV diff, ±2KV com.
EN61000-4-6:
Conducted immunity, 3Vrms
EN61000-4-8:
Magnetic field immunity, 3A/m
EN61000-4-11 :
Voltage dips, 30% reduction for 500ms,
60% reduction for 100ms and >95%
reduction for 10ms
(MDD)
TÜV EN60601-1
UL 2601-1
CSA C22.2 No. 601.1
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com


Similar Part No. - TMP55

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
TMP50-2D FOTEK-TMP50-2D Datasheet
775Kb / 4P
Multifunction Digital timer
TMP50-3D FOTEK-TMP50-3D Datasheet
775Kb / 4P
Multifunction Digital timer
TMP50-4D FOTEK-TMP50-4D Datasheet
775Kb / 4P
Multifunction Digital timer
logo
Texas Instruments
TMP512 TI-TMP512 Datasheet
1Mb / 52P
Temperature and Power Supply System Monitors
TMP512 TI-TMP512 Datasheet
1Mb / 54P
Temperature and Power Supply System Monitors
More results

Similar Description - TMP55

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TMP30 TRUMPOWER-TMP30 Datasheet
191Kb / 2P
30 WATT MEDICAL POWER ADAPTERS
TMP60 TRUMPOWER-TMP60 Datasheet
241Kb / 2P
30-60 WATT MEDICAL POWER ADAPTERS
TMP110 TRUMPOWER-TMP110 Datasheet
169Kb / 2P
110 WATT MEDICAL POWER ADAPTERS
TMP120 TRUMPOWER-TMP120 Datasheet
178Kb / 2P
120 WATT MEDICAL POWER ADAPTERS
TMP130 TRUMPOWER-TMP130 Datasheet
183Kb / 2P
130 WATT MEDICAL POWER ADAPTERS
TMP150 TRUMPOWER-TMP150 Datasheet
172Kb / 2P
150 WATT MEDICAL POWER ADAPTERS
TRM15 TRUMPOWER-TRM15 Datasheet
126Kb / 1P
10-15 Watt Medical Power Adapters
TRM24 TRUMPOWER-TRM24 Datasheet
127Kb / 1P
12-24 Watt Medical Power Adapters
TMP180 TRUMPOWER-TMP180 Datasheet
78Kb / 2P
180 WATT MEDICAL POWER ADAPTERS
TRM15 TRUMPOWER-TRM15_16 Datasheet
126Kb / 1P
10-15 Watt Medical Power Adapters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com