Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP110 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TMP110
Description  110 WATT MEDICAL POWER ADAPTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP110 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TMP110 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP110 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MEDICAL GRADE
TMP110 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Output #1
Output #2 (1)
Output #3
Output #4
Output
Product No.
Vnom. Imin.
Imax. Tol.
Vnom. Imin. Imax. Ipeak Tol
Vnom. Imin. Imax.
Tol
Vnom. Imin.
Imax. Tol.
Power
TMP110-D23
+5V
0.8A
10A
5%
+12V
0A
5A
9.0A
5%
(N/A)
(N/A)
110W
TMP110-T31
+5V
0.8A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
2A
5%
(N/A)
110W
TMP110-T32
+5V
0.8A
10A
5%
+15V
0A
4A
7.5A
5%
-15V
0A
2A
5%
(N/A)
110W
TMP110-Q40
+5V
0.8A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
2A
5%
-5V
0A
2A
5%
110W
TMP110-Q41
+5V
0.8A
10A
5%
+15V
0A
4A
7.5A
5%
-15V
0A
2A
5%
+24V
0A
2A
5%
110W
TMP110-Q42
+5V
0.8A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
2A
5%
+12V
0A
2A
5%
110W
TMP110-Q45
+5V
0.8A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
2A
5%
+24V
0A
2A
5%
110W
TMP110-Q45-1
+5V
2.0A
10A
5%
+12V
0A
5A
9.0A
5%
-12V
0A
2A
5%
+24V
1.5A
3A
10%
110W
TMP110-Q45-2
+5V
0.8A
10A
5%
+24V
0A
3A
5.0A
5%
-12V
0A
2A
5%
+12V
0A
2A
5%
110W
TMP110-Q46
+5V
0.8A
10A
5%
+15V
0A
4A
7.5A
5%
-15V
0A
2A
5%
-5V
0A
2A
5%
110W
Notes:
(1) Peak output current with 10% maximum duty cycle for less than 60 seconds. Total peak power must not exceed 130 watts.
(2) The output #1 of model TMP110-Q45-1 needs a minimum current of 2A to support the other outputs at their maximum rated loads.
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Weight: 1.40 Kgs (3.08 Lbs.) approx.
4.
Standard output connector is an 8-pin
at 270º male DIN plug. For other
output connector options, please
consult factory.
5.
To order a model with on/off switch,
add suffix “S” to the product number.
e.g. TMP110-T31-S.
6.
To order a model with PFD signal,
add suffix “PF” to the product number,
e.g. TMP110-T31-PF.
PIN CHART
PIN
Product No.
1
2
3
4
5
6
7
8
TMP110-D23
COMMON
RETURN
N.C.
OUTPUT
#1.
N.C.
OUTPUT
#2.
COMMON
RETURN
OUTPUT
#1
N.C. or
PFD
TMP110-T31
TMP110-T32
COMMON
RETURN
OUTPUT
#3
OUTPUT
#1.
N.C
OUTPUT
#2.
COMMON
RETURN
OUTPUT
#1
N.C. or
PFD
TMP110-Q40
TMP110-Q42
TMP110-Q45-1
TMP110-Q46
TMP110-Q41
TMP110-Q45
TMP110-Q45-2
COMMON
RETURN
OUTPUT
#3
OUTPUT
#1.
OUTPUT
#4
OUTPUT
#2..
COMMON
RETURN
OUTPUT
#1
N.C. or
PFD.
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com