Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMP130 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TMP130
Description  130 WATT MEDICAL POWER ADAPTERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TMP130 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TMP130 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TMP130 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MEDICAL GRADE
TMP130 SERIES
OU TPUT VOLTAGE/ CURR ENT RATI NG CHAR T
MECHAN I C A L SPECIFI CATI ONS
NOTES:
1.
Dimensions shown in inch
[mm]
2.
Tolerance 0.02 [0.5]
maximum
3.
Weight: 0.80Kgs (1.76Lbs.)
approx.
4.
Standard output connector is
a male 8-pin DIN plug. Please
contact TRUMPower for other
options.
5.
To order a model with on/off
switch, add suffix “S” to the
model number, e.g.
TMP130-24-S.
PIN CHART
PIN
Product No.
1
2
3
4
5
6
7
8
TMP130-05
TMP130-10
TMP130-07
RETURN
-SENSE
OUTPUT
+V
RETURN
OUTPUT
+V
RETURN
OUTPUT
+V
+SENSE
TMP130-12
TMP130-18
TMP130-30
TMP130-48
TMP130-15
TMP130-24
TMP130-36
RETURN
RETURN
OUTPUT
+V
RETURN
OUTPUT
+V
RETURN
OUTPUT
+V
OUTPUT
+V
Output
Maximum
Product No.
Vnom.
Imin.
Imax.
Tol.
Output Power
TMP130-05
5V
0A
20A
5%
100W
TMP130-07
7V
0A
14A
5%
100W
TMP130-10
10V
0A
10A
5%
100W
TMP130-12
12V
0A
10.8A
5%
130W
TMP130-15
15V
0A
8.6A
4%
130W
TMP130-18
18V
0A
7.2A
4%
130W
TMP130-24
24V
0A
5.4A
3%
130W
TMP130-30
30V
0A
4.3A
3%
130W
TMP130-36
36V
0A
3.6A
2%
130W
TMP130-48
48V
0A
2.7A
2%
130W
(1)
All models are with built-in fan.
Notes:
(2)
Models except TMP130-05, TMP130-07 and TMP130-10 are without remote sense. Consult factory for applications requiring
remote sense.
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com