Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM650-T34 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TM650-T34
Description  650 WATT MEDICAL POWER SUPPLIES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM650-T34 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TM650-T34 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM650-T34 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TM650-T34 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MEDICAL GRADE
TM650 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Maximum
Output # 1
Output # 2
Output # 3
Output
Product No.
Vnom.
Imin.
Imax.
Tol.
Vnom.
Imin.
Imax.
Tol.
Vnom.
Imin.
Imax.
Tol.
Power
TM650-S12
12V
0A
54.2A
2%
650W
TM650-S15
15V
0A
43.4A
2%
650W
TM650-S24
24V
0A
27.1A
2%
650W
TM650-S27
27V
0A
24.1A
2%
650W
TM650-S30
30V
0A
21.7A
2%
650W
TM650-S36
36V
0A
18.1A
2%
650W
TM650-S48
48V
0A
14.6A
2%
700W
TM650-D20
24V
1.5A
18A
2%
12V
1.2A
22A
5%
650W
TM650-D21
24V
1.5A
18A
2%
15V
1.0A
18A
5%
650W
TM650-D22
48V
0.75A
9A
2%
24V
0.6A
12A
5%
650W
TM650-D23
48V
0.75A
9A
2%
12V
1.2A
22A
5%
650W
TM650-D24
48V
0.75A
9A
2%
15V
1.0A
18A
5%
650W
TM650-T30
24V
1.5A
18A
2%
12V
1.2A
22A
5%
3.3V
0A
10A
3%
650W
TM650-T31
24V
1.5A
18A
2%
15V
1.0A
18A
5%
3.3V
0A
10A
3%
650W
TM650-T32
24V
1.5A
18A
2%
12V
1.2A
22A
5%
5.1V
0A
10A
3%
650W
TM650-T33
24V
1.5A
18A
2%
15V
1.0A
18A
5%
5.1V
0A
10A
3%
650W
TM650-T34
48V
0.75A
9A
2%
12V
1.2A
22A
5%
3.3V
0A
10A
3%
650W
TM650-T35
48V
0.75A
9A
2%
15V
1.0A
18A
5%
3.3V
0A
10A
3%
650W
TM650-T36
48V
0.75A
9A
2%
12V
1.2A
22A
5%
5.1V
0A
10A
3%
650W
TM650-T37
48V
0.75A
9A
2%
15V
1.0A
18A
5%
5.1V
0A
10A
3%
650W
NOTES:
1.
Add suffix “C” for enclosed format with fan control function, e.g. TM650-S24C.
2.
All outputs are floating. It can be connected externally for positive or negative output.
3.
Output #1 can be adjusted within +/- 5% of their nominal voltage.
4.
Output #3 can be adjusted within +/- 15% of their nominal voltage.
5.
650~700 watts for "C" version with cover-and-fan assembly. 325~350 watts for U-bracket version without moving air (maximum current of
output #1 and #2 derated to 70%), or 650 watts with 50 CFM forced air provided by user.
6.
All models may operated at no-load. At no-load, output voltage tolerance increases to 10%.
Single Output Models
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum.
3.
Input connector P1 is Dinkle
DT-4C-B01N-03 screws are M3,
Nickel plated.
4.
Connector P4 mates with Molex
housing 50-37-5103 and pins
5263.
5.
P2-1, P2-2, P3-1 & P3-2: M3*0.5
screw connections.
6.
Weight: 2,040 gms.
MECHANICAL SPECIFICATIONS
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com