Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA0243 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPA0243
Description  2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA0243 Datasheet(HTML) 1 Page - Texas Instruments

  TPA0243 Datasheet HTML 1Page - Texas Instruments TPA0243 Datasheet HTML 2Page - Texas Instruments TPA0243 Datasheet HTML 3Page - Texas Instruments TPA0243 Datasheet HTML 4Page - Texas Instruments TPA0243 Datasheet HTML 5Page - Texas Instruments TPA0243 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TPA0243
2-W MONO AUDIO POWER AMPLIFIER
WITH HEADPHONE DRIVE
SLOS279A – JANUARY 2000 – REVISED MARCH 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Ideal for Notebook Computers, PDAs, and
Other Small Portable Audio Devices
D 2 W Into 4-Ω From 5-V Supply
D 0.6 W Into 4-Ω From 3-V Supply
D Stereo Head Phone Drive
D Mono (BTL) Signal Created by Summing
Left and Right Signals
D Wide Power Supply Compatibility
3 V to 5 V
D Meets PC99 Desktop Specs (target)
D Low Supply Current
– 10 mA Typical at 5 V
– 9 mA Typical at 3 V
D Shutdown Control ...1 µA Typical
D Shutdown Pin is TTL Compatible
D –40°C to 85°C Operating Temperature
Range
D Space-Saving, Thermally-Enhanced MSOP
Packaging
description
The TPA0243 is a 2-W mono bridge-tied-load (BTL) amplifier designed to drive speakers with as low as 4-
Ω
impedance. The mono signal is created by summing left and right inputs. The amplifier can be reconfigured
on-the-fly to drive two stereo single-ended (SE) signals into head phones. This makes the device ideal for use
in small notebook computers, PDAs, digital personal audio players, anyplace a mono speaker and stereo head
phones are required. From a 5-V supply, the TPA0243 can delivery 2-W of power into a 4-
Ω speaker.
The gain of the input stage is set by the user-selected input resistor and a 50-k
Ω internal feedback resistor
(AV = – RF/ RI). The power stage is internally configured with a gain of –1.25 V/V in SE mode, and –2.5 V/V in
BTL mode. Thus, the overall gain of the amplifier is 62.5 k
Ω/ RI in SE mode and 125 kΩ/ RI in BTL mode. The
input terminals are high-impedance CMOS inputs, and can be used as summing nodes.
The TPA0243 is available in the 10-pin thermally-enhanced MSOP package (DGQ) and operates over an
ambient temperature range of –40
°C to 85°C.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
5
10
9
8
7
6
FILT_CAP
SHUTDOWN
VDD
BYPASS
RIN
LO/MO
LIN
GND
SR/MN
RO/MO
DGQ PACKAGE
(TOP VIEW)
PowerPAD is a trademark of Texas Instruments Incorporated.


Similar Part No. - TPA0243

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0242 TI-TPA0242 Datasheet
444Kb / 29P
STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242 TI1-TPA0242 Datasheet
494Kb / 32P
STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242PWP TI-TPA0242PWP Datasheet
444Kb / 29P
STEREO 2-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242PWP TI1-TPA0242PWP Datasheet
494Kb / 32P
STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
TPA0242PWPR TI1-TPA0242PWPR Datasheet
494Kb / 32P
STEREO 2.8-W AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL AND MUX CONTROL
More results

Similar Description - TPA0243

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA0213 TI-TPA0213 Datasheet
187Kb / 11P
2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223 TI-TPA0223 Datasheet
87Kb / 6P
2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233 Datasheet
87Kb / 6P
2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253 Datasheet
105Kb / 7P
1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213_07 Datasheet
703Kb / 24P
2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_07 Datasheet
726Kb / 25P
2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0223DGQR TI1-TPA0223DGQR Datasheet
878Kb / 26P
2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0213 TI-TPA0213_15 Datasheet
791Kb / 26P
2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0233 TI-TPA0233_15 Datasheet
813Kb / 27P
2-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
TPA0253 TI-TPA0253_15 Datasheet
593Kb / 13P
1-W MONO AUDIO POWER AMPLIFIER WITH HEADPHONE DRIVE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com