Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM28APT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # SSM28APT
Description  SCHOTTKY BARRIER RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

SSM28APT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  SSM28APT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. SSM28APT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( SSM27APT THRU SSM210APT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
LEAD TEMPERATURE, (
oC )
INSTANTANEOUS FORWARD VOLTAGE,(V)
2.0
20
10
1.0
0.1
100
10
1.0
.10
.01
.001
1.5
1.0
0.5
0
10
20
40
60
80
100
200
400
.1
.4
1.0
4
10
40
80
0
20
40
60
80
100
120
140
0
25
50
75
100
125
150
175
0
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
TJ = 25
oC
FIG. 4 - MAXIMUM NON-REPETIVE FORWARD
SURGE CURRENT
NUMBER OF CYCLES AT 60 Hz
0
10
20
30
40
50
60
100
1
2
4
6
8 10
20
40
80
8.3ms Single Half Sine-Wave
(JEDEC Method)
Single
Half Wave 60HZ
Resistive or
Inductive Load
TJ =25
oC
Pulse Width=300us
1% Duty Cycle
SSM29APT~210APT
SSM27APT~28APT
TJ = 25
oC
TJ = 150
oC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com