Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPA112D Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TPA112D
Description  150-mW STEREO AUDIO POWER AMPLIFIER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA112D Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPA112D Datasheet HTML 17Page - Texas Instruments TPA112D Datasheet HTML 18Page - Texas Instruments TPA112D Datasheet HTML 19Page - Texas Instruments TPA112D Datasheet HTML 20Page - Texas Instruments TPA112D Datasheet HTML 21Page - Texas Instruments TPA112D Datasheet HTML 22Page - Texas Instruments TPA112D Datasheet HTML 23Page - Texas Instruments TPA112D Datasheet HTML 24Page - Texas Instruments TPA112D Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
TPA112
150-mW STEREO AUDIO POWER AMPLIFIER
SLOS212C – AUGUST 1998 – REVISED MARCH 2000
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
gain setting resistors, RF and RI (continued)
For high performance applications, metal film resistors are recommended because they tend to have lower
noise levels than carbon resistors. For values of RF above 50 kΩ, the amplifier tends to become unstable due
to a pole formed from RF and the inherent input capacitance of the MOS input structure. For this reason, a small
compensation capacitor of approximately 5 pF should be placed in parallel with RF. This, in effect, creates a
low-pass filter network with the cutoff frequency defined in equation 3.
(3)
f
co(lowpass) +
1
2
pR
F CF
For example, if RF is 100 kΩ and CF is 5 pF then fco(lowpass) is 318 kHz, which is well outside the audio range.
input capacitor, CI
In the typical application, an input capacitor, CI, is required to allow the amplifier to bias the input signal to the
proper dc level for optimum operation. In this case, CI and RI form a high-pass filter with the corner frequency
determined in equation 4.
(4)
f
co(highpass) +
1
2
pR
I
C
I
The value of CI is important to consider, as it directly affects the bass (low frequency) performance of the circuit.
Consider the example where RI is 20 kΩ and the specification calls for a flat bass response down to 20 Hz.
Equation 4 is reconfigured as equation 5.
(5)
C
I +
1
2
pR
I
f
co(highpass)
In this example, CI is 0.40 µF, so one would likely choose a value in the range of 0.47 µF to 1 µF. A further
consideration for this capacitor is the leakage path from the input source through the input network (RI, CI) and
the feedback resistor (RF) to the load. This leakage current creates a dc offset voltage at the input to the amplifier
that reduces useful headroom, especially in high-gain applications (> 10). For this reason a low-leakage
tantalum or ceramic capacitor is the best choice. When polarized capacitors are used, the positive side of the
capacitor should face the amplifier input in most applications, as the dc level there is held at VDD/2, which is
likely higher that the source dc level. It is important to confirm the capacitor polarity in the application.
power supply decoupling, CS
The TPA112 is a high-performance CMOS audio amplifier that requires adequate power supply decoupling to
ensure that the output total harmonic distortion (THD) is as low as possible. Power supply decoupling also
prevents oscillations for long lead lengths between the amplifier and the speaker. The optimum decoupling is
achieved by using two capacitors of different types that target different types of noise on the power supply leads.
For higher frequency transients, spikes, or digital hash on the line, a good low equivalent-series-resistance
(ESR) ceramic capacitor, typically 0.1
µF, placed as close as possible to the device VDD lead, works best. For
filtering lower-frequency noise signals, a larger aluminum electrolytic capacitor of 10
µF or greater placed near
the power amplifier is recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com